Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDSG3160 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TDSG3160
Description  Standard 7-Segment Display 10 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSG3160 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TDSG3160 Datasheet HTML 3Page - Vishay Siliconix TDSG3160 Datasheet HTML 4Page - Vishay Siliconix TDSG3160 Datasheet HTML 5Page - Vishay Siliconix TDSG3160 Datasheet HTML 6Page - Vishay Siliconix TDSG3160 Datasheet HTML 7Page - Vishay Siliconix TDSG3160 Datasheet HTML 8Page - Vishay Siliconix TDSG3160 Datasheet HTML 9Page - Vishay Siliconix TDSG3160 Datasheet HTML 10Page - Vishay Siliconix TDSG3160 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 83125
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.6, 23-May-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TDSG3150, TDSG3160, TDSO3150, TDSO3160, TDSY3150, TDSY3160
Standard 7-Segment Display 10 mm Vishay Semiconductors
PACKAGE DIMENSIONS FOR TDS.31.. in millimeters
95 11343
Drawing-No.: 6.544-5093.01-4
Issue: 1; 21.11.95


Similar Part No. - TDSG3160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG3160 VISHAY-TDSG3160 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3160 VISHAY-TDSG3160 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3160 VISHAY-TDSG3160 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3160-M VISHAY-TDSG3160-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3160-M VISHAY-TDSG3160-M Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
More results

Similar Description - TDSG3160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0 Datasheet
284Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.2, 29-Nov-13
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.0, 13-May-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com