Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDCG1060M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDCG1060M
Description  Clock Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDCG1060M Datasheet(HTML) 1 Page - Vishay Siliconix

  TDCG1060M Datasheet HTML 1Page - Vishay Siliconix TDCG1060M Datasheet HTML 2Page - Vishay Siliconix TDCG1060M Datasheet HTML 3Page - Vishay Siliconix TDCG1060M Datasheet HTML 4Page - Vishay Siliconix TDCG1060M Datasheet HTML 5Page - Vishay Siliconix TDCG1060M Datasheet HTML 6Page - Vishay Siliconix TDCG1060M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83180
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.5, 07-Dec-09
1
Clock Display
TDCG10..m, TDCR10..m, TDCY10..m
Vishay Semiconductors
DESCRIPTION
Four digit display, with 10 mm digit charactersize. Designed
as clock display with active colon between digit two and
three.
FEATURES
• High efficient AlInGAP technology
• Dark surface, white segments
• Common anode (TDC.1050m)
• Common cathode (TDC.1060m)
• Multiplex mode
• Recommended viewing distance up to 7 m
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Clock
modules
for
video/audioequipment,
instrumentation, set top boxes
PRODUCT GROUP AND PACKAGE DATA
• Product group: display
• Package: 10 mm clock
• Product series: standard
• Angle of half intensity: ± 50°
Note
(1) Tamb = 25 °C, unless otherwise specified
16770
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY AT 10 mA
CIRCUITRY
TDCG1050m
Green
IV = (2800 to 4000) μcd
Common anode
TDCG1060m
Green
IV = (2800 to 4000) μcd
Common cathode
TDCR1050m
Red
IV = (4000 to 6000) μcd
Common anode
TDCR1060m
Red
IV = (4000 to 6000) μcd
Common cathode
TDCY1050m
Super yellow
IV = (4000 to 8000) μcd
Common anode
TDCY1060m
Super yellow
IV = (4000 to 8000) μcd
Common cathode
ABSOLUTE MAXIMUM RATINGS (1) TDCG1050m, TDCG1060m, TDCR1050m, TDCR1060m,
TDCY1050m, TDCY1060m
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage per segment
VR
5V
DC forward current per segment
IF
25
mA
Peak forward current per
segment
Duty 1/10 at 1 kHz
IFM
160
mA
Power dissipation
PV
60
mW
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Tsd
260 ± 5
°C


Similar Part No. - TDCG1060M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDCG1060M VISHAY-TDCG1060M Datasheet
253Kb / 7P
   Clock Display
Rev. 1.4, 31-Aug-04
TDCG1060M VISHAY-TDCG1060M Datasheet
245Kb / 7P
   Clock Display
Rev. 1.6, 17-Apr-13
TDCG1060M VISHAY-TDCG1060M Datasheet
246Kb / 7P
   Clock Display
01-Jan-2022
TDCG1060M VISHAY-TDCG1060M Datasheet
245Kb / 7P
   Clock Display
01-Jan-2023
More results

Similar Description - TDCG1060M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDCG VISHAY-TDCG Datasheet
253Kb / 7P
   Clock Display
Rev. 1.4, 31-Aug-04
TDCG1050M VISHAY-TDCG1050M_V02 Datasheet
245Kb / 7P
   Clock Display
01-Jan-2023
TDCG1050M VISHAY-TDCG1050M_V01 Datasheet
246Kb / 7P
   Clock Display
01-Jan-2022
TDCG10M VISHAY-TDCG10M Datasheet
245Kb / 7P
   Clock Display
Rev. 1.6, 17-Apr-13
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
logo
Marktech Corporate
MTN2428-14C MARKTECH-MTN2428-14C Datasheet
44Kb / 1P
   Marktech 0.28 Clock (Std.) Display
logo
List of Unclassifed Man...
TKD8001 ETC1-TKD8001 Datasheet
890Kb / 13P
   Clock Synthesizer and Display DAC
logo
Silan Microelectronics ...
SC3610 SILAN-SC3610 Datasheet
258Kb / 16P
   FREQUENCY AND CLOCK DISPLAY DRIVER
logo
Micro Electronics
MO461C MICRO-ELECTRONICS-MO461C Datasheet
74Kb / 2P
   0.6 FOUR DIGIT LED CLOCK DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com