Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX14 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74LVX14
Description  LOW-VOLTAGE CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVX14 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LVX14 Datasheet HTML 1Page - Motorola, Inc MC74LVX14 Datasheet HTML 2Page - Motorola, Inc MC74LVX14 Datasheet HTML 3Page - Motorola, Inc MC74LVX14 Datasheet HTML 4Page - Motorola, Inc MC74LVX14 Datasheet HTML 5Page - Motorola, Inc MC74LVX14 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
6/97
Hex Schmitt Inverter
With 5V-Tolerant Inputs
The MC74LVX14 is an advanced high speed CMOS Schmitt inverter.
The inputs tolerate voltages up to 7V, allowing the interface of 5V systems
to 3V systems.
The MC74LVX14 is pin and functionally compatible to the
MC74LVX04, but the inputs have hysteresis and, with its Schmitt trigger
function, can be used as a line receiver which will receive slow input
signals.
High Speed: tPD = 6.8ns (Typ) at VCC = 3.3V
Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Low Noise: VOLP = 0.5V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 2000V; Machine Model > 200V
Figure 1. 14–Lead Pinout (Top View)
Figure 2. Logic Diagram
13
14
12
11
10
9
8
2
1
3
4567
VCC
A5
O5
A4
O4
A3
O3
A0
O0
A1
O1
A2
O2
GND
2
O0
1
A0
4
O1
3
A1
6
O2
5
A2
8
O3
9
A3
10
O4
11
A4
12
O5
13
A5
LVX
MC74LVX14
LOW–VOLTAGE CMOS
D SUFFIX
14–LEAD SOIC PACKAGE
CASE 751A–03
DT SUFFIX
14–LEAD TSSOP PACKAGE
CASE 948G–01
M SUFFIX
14–LEAD SOIC EIAJ PACKAGE
CASE 965–01
PIN NAMES
Function
Data Inputs
Outputs
Pins
An
On
FUNCTION TABLE
An
On
L
H
H
L


Similar Part No. - MC74LVX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
86Kb / 6P
   Hex Schmitt Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 4
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
114Kb / 6P
   Hex Schmitt Inverter
August, 2014 ??Rev. 7
MC74LVX14D ONSEMI-MC74LVX14D Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX14DR2 ONSEMI-MC74LVX14DR2 Datasheet
86Kb / 6P
   Hex Schmitt Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 4
More results

Similar Description - MC74LVX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com