Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM40N15-38 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUM40N15-38
Description  N-Channel 150-V (D-S) 175Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM40N15-38 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUM40N15-38 Datasheet HTML 1Page - Vishay Siliconix SUM40N15-38 Datasheet HTML 2Page - Vishay Siliconix SUM40N15-38 Datasheet HTML 3Page - Vishay Siliconix SUM40N15-38 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Vishay Siliconix
SPICE Device Model SUM40N15-38
Document Number: 72382
S-60541
Rev. B, 10-Apr-06
N-Channel 150-V (D-S) 175
°C MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 10-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


Similar Part No. - SUM40N15-38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM40N15-38 VISHAY-SUM40N15-38 Datasheet
40Kb / 5P
   N-Channel 150-V (D-S) 175 C MOSFET
Rev. A, 24-Mar-03
SUM40N15-38 VISHAY-SUM40N15-38 Datasheet
70Kb / 6P
   N-Channel 150-V (D-S) 175C MOSFET
Rev. A, 24-Mar-03
SUM40N15-38 VISHAY-SUM40N15-38_08 Datasheet
70Kb / 6P
   N-Channel 150-V (D-S) 175C MOSFET
Rev. A, 24-Mar-03
More results

Similar Description - SUM40N15-38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD25N15-52 VISHAY-SUD25N15-52_06 Datasheet
194Kb / 4P
   N-Channel 150-V (D-S) 175Celsius MOSFET
Rev. B, 20-Mar-06
SUD15N15-95 VISHAY-SUD15N15-95_06 Datasheet
197Kb / 4P
   N-Channel 150-V (D-S) 175Celsius MOSFET
Rev. B, 20-Mar-06
SUM23N15-73 VISHAY-SUM23N15-73_06 Datasheet
192Kb / 4P
   N-Channel 150-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
SUD06N10-225L VISHAY-SUD06N10-225L_06 Datasheet
200Kb / 4P
   N-Channel 100-V (D-S) 175Celsius MOSFET
Rev. B, 20-Mar-06
SUM85N03-06P VISHAY-SUM85N03-06P_07 Datasheet
202Kb / 4P
   N-Channel 30-V (D-S) 175Celsius MOSFET
Rev. B, 30-Jul-07
SUD40N08-16 VISHAY-SUD40N08-16_06 Datasheet
194Kb / 4P
   N-Channel 80-V (D-S) 175Celsius MOSFET
Rev. B, 10-Apr-06
SUD50N06-07L VISHAY-SUD50N06-07L_06 Datasheet
197Kb / 4P
   N-Channel 60-V (D-S) 175Celsius MOSFET
Rev. B, 10-Apr-06
SUM27N20-78 VISHAY-SUM27N20-78_06 Datasheet
201Kb / 4P
   N-Channel 200-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
SUM40N02-12P VISHAY-SUM40N02-12P_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S), 175Celsius MOSFET
Rev. B, 01-May-06
SUD50N02-09P VISHAY-SUD50N02-09P_06 Datasheet
197Kb / 4P
   N-Channel 20-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com