Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92070PWR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS92070PWR
Description  High-Efficiency Integrated Dimming LED Lighting Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92070PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92070PWR Datasheet HTML 2Page - Texas Instruments TPS92070PWR Datasheet HTML 3Page - Texas Instruments TPS92070PWR Datasheet HTML 4Page - Texas Instruments TPS92070PWR Datasheet HTML 5Page - Texas Instruments TPS92070PWR Datasheet HTML 6Page - Texas Instruments TPS92070PWR Datasheet HTML 7Page - Texas Instruments TPS92070PWR Datasheet HTML 8Page - Texas Instruments TPS92070PWR Datasheet HTML 9Page - Texas Instruments TPS92070PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
UDG-11186
VZ
SEN
DTC
GND
+
+
S
Q
Q
R
1 V
5 V
20 kW
160 W
LP
Set-Point Filter
Exponential Dimming
Control
MIN
+
2.5 V
+
2.5 V
RMAX
100 kW
Control to
Period
Translator
+
PWM and
Fault Logic
RGM
500 W
+
TDD
PCS
ISO
COMP
CS
VIOS < 500 mV
Control to Peak
Current
Translator
+
0.7 V
OCP
TRIAC
Dimmer
Detection
GATE
BP
VD
GND
VDD
7 V
7 V
+
7 V
VDD
Valley Detect
+
+
8 V
UVLO
23 V
OVP
155°C
140°C
12.5 V
6 V
ISET
From PWM
Similar to GATE
TSD
Valley
PWM
Comparator
VPWM
TPS92070
TPS92070
SLUSAN1
– DRAFT 6 * AUGUST 30, 2011
www.ti.com
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS92070


Similar Part No. - TPS92070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92074 TI1-TPS92074 Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074D TI1-TPS92074D Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DDCR TI1-TPS92074DDCR Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DDCT TI1-TPS92074DDCT Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DR TI1-TPS92074DR Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
More results

Similar Description - TPS92070PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
TPS92010 TI-TPS92010 Datasheet
370Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
   HIGH EFFICIENCY LED CONTROLLER
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
   High-Efficiency Solutions for Portable LED Lighting
11/29/11
logo
ON Semiconductor
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com