Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92070PW Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS92070PW
Description  High-Efficiency Integrated Dimming LED Lighting Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92070PW Datasheet(HTML) 5 Page - Texas Instruments

  TPS92070PW Datasheet HTML 1Page - Texas Instruments TPS92070PW Datasheet HTML 2Page - Texas Instruments TPS92070PW Datasheet HTML 3Page - Texas Instruments TPS92070PW Datasheet HTML 4Page - Texas Instruments TPS92070PW Datasheet HTML 5Page - Texas Instruments TPS92070PW Datasheet HTML 6Page - Texas Instruments TPS92070PW Datasheet HTML 7Page - Texas Instruments TPS92070PW Datasheet HTML 8Page - Texas Instruments TPS92070PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS92070
www.ti.com
SLUSAN1
– DRAFT 6 * AUGUST 30, 2011
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated,
−40°C < TA < 125°C, TJ = TA, VVDD = 12 V, GND =0 V, IVZ = 50 μA, RMIN = 71.5 kΩ, CVDD = 4.7µF,
CBP = 1 µF, CLP = 220nF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNITS
ERROR AMPLIFIER
VIOS
Input offset voltage
5 mV
< VCS < 100 mV, VCOMP = 3 V
±500
μV
VCOMP(min)
Minimum COMP clamp voltage
VCS = 150 mV, VLP < 3 V
1.45
1.53
1.60
V
VCOMP(max)
Maximum COMP clamp voltage
VCS < 100 mV, VLP > 2.1 V
3.6
3.7
3.8
V
VCS(min)
Minimum CS reference voltage
VLP = 0, RMIN = 71.5 kΩ, TA = 25°C
2.835
3.15
3.465
mV
VCS(max)
Maximum CS reference voltage
VLP > 2.1 V, TA = 25°C
97
100
103
mV
MODULATION
fCLAMP(max)
Maximum frequency clamp
Measured at GATE, VCOMP = 3.5 V, TA = 25°C
132
138
146
kHz
Measure at GATE, VCOMP = 1.53 V, VVD = 0 V,
fCLAMP(min)
Minimum frequency clamp
10
20
30
TA = 25°C
VALLEY DETECT
Measured when GATE is high, IVD = –15 μA
–560
VDCLAMP
VD clamp
mV
Measured when GATE is low and VD is falling
–125
VVD(en)
VD enable threshold
Minimum peak of resonant valley, VCOMP = 1.8 V
600
mV
VVD(zc)
Zero-crossing detect threshold
Measured at VD (falling)
80
100
135
mV
VCOMP > VMINF_DET, VVD = 0 V, wait time for next
tVD(vw)
Valley wait timer
10
12.7
14
µs
PWM pulse with zero-crossing detected
IVD(min)
Current required for valley detection
–50
µA
OVERCURRENT PROTECTION
VPCS(oc)
Over current limit
Measure at PCS (rising), VCOMP = 4 V
670
700
750
mV
tPCS_G1(oc)
Propagation delay
Measured between PCS and GATE falling
10
64
190
ns
PWM COMPARATOR
tLEB
Leading edge blanking
Measured at GATE, VCOMP = 3.5 V
180
220
300
ns
VPWM(max)
VCOMP = VCOMP(max)
600
650
VPWM
PWM thresholds
VCOMP = 3.5 V
460
500
550
mV
VPWM(min)
Measured at PCS rising, COMP
≤ 2 V
40
65
80
tPCS_G1(cl)
Propagation delay
Measured between PCS and GATE falling
10
54
120
ns
LED ISOLATED CURRENT SENSE
RISO(pd)
Pull down resistance
GATE is high
240
270
350
Ω
PWM OUTPUTS
VGATE(oh)
Output voltage high
6.7
7
7.2
Measured at GATE
V
VGATE(ol)
Output voltage low
–0.01
0
0.01
tFALL(pwm)
Fall time
CGATE = 1 nF, TA = 25°C
43
70
ns
tRISE(pwm)
Rise time
CGATE = 1 nF, TA = 25°C
105
155
TRIAC DIMMER DETECTION
VTDD(oh)
Output voltage high
Measured at TDD
6.7
7
7.2
V
VTDD(ol)
Output voltage low
–0.01
0
0.01
tFALL(tdd)
Fall time
CTDD = 1 nF
120
190
ns
tRISE(tdd)
Rise time
CTDD = 1 nF
130
220
Minimum delay from 1V to 5V SEN
tDLY_1V_5V
signal transitions for no dimmer
105
135
170
µs
detection
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS92070


Similar Part No. - TPS92070PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92074 TI1-TPS92074 Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074D TI1-TPS92074D Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DDCR TI1-TPS92074DDCR Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DDCT TI1-TPS92074DDCT Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
TPS92074DR TI1-TPS92074DR Datasheet
954Kb / 24P
[Old version datasheet]   Non-Isolated, Buck PFC LED Driver with Digital Reference Control
More results

Similar Description - TPS92070PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
TPS92010 TI-TPS92010 Datasheet
370Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
logo
Integrated Silicon Solu...
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
LED22V1A ETC2-LED22V1A Datasheet
24Kb / 3P
   HIGH EFFICIENCY LED CONTROLLER
LED22V1A2DW ETC2-LED22V1A2DW Datasheet
275Kb / 4P
   HIGH EFFICIENCY LED CONTROLLER
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
   High-Efficiency Solutions for Portable LED Lighting
11/29/11
logo
ON Semiconductor
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com