Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826_1112 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA826_1112
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826_1112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA826_1112 Datasheet HTML 2Page - Texas Instruments INA826_1112 Datasheet HTML 3Page - Texas Instruments INA826_1112 Datasheet HTML 4Page - Texas Instruments INA826_1112 Datasheet HTML 5Page - Texas Instruments INA826_1112 Datasheet HTML 6Page - Texas Instruments INA826_1112 Datasheet HTML 7Page - Texas Instruments INA826_1112 Datasheet HTML 8Page - Texas Instruments INA826_1112 Datasheet HTML 9Page - Texas Instruments INA826_1112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
R
G
R
G
+IN
+V
S
V
OUT
REF
1
2
3
4
8
7
6
5
-
IN
-
V
S
-IN
R
G
R
G
+IN
+V
S
V
OUT
REF
-VS
1
2
3
4
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
INA826
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
PIN CONFIGURATIONS
DGK PACKAGE
DRG PACKAGE
MSOP-8, SO-8
3-mm
× 3-mm DFN-8
(TOP VIEW)
(TOP VIEW)
(1) SO-8 and DFN-8 packages are product preview.
PIN DESCRIPTIONS
NAME
NO.
DESCRIPTION
–IN
1
Negative input
RG
2
Gain setting pin. Place a gain resistor between pin 2 and pin 3.
RG
3
Gain setting pin. Place a gain resistor between pin 2 and pin 3.
+IN
4
Positive input
–VS
5
Negative supply
REF
6
Reference input. This pin must be driven by low impedance.
VOUT
7
Output
+VS
8
Positive supply
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA826


Similar Part No. - INA826_1112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826 TI1-INA826_13 Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
More results

Similar Description - INA826_1112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com