Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87352Q5D_1111 Datasheet(PDF) 11 Page - Texas Instruments

Part # CSD87352Q5D_1111
Description  Synchronous Buck NexFET??Power Block
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87352Q5D_1111 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD87352Q5D_1111 Datasheet HTML 7Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 8Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 9Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 10Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 11Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 12Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 13Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 14Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CSD87352Q5D
www.ti.com
SLPS286B
– JUNE 2011 – REVISED NOVEMBER 2011
The CSD87352Q5D NexFET
™ power block is an optimized design for synchronous buck applications using 5V
gate drive. The Control FET and Sync FET silicon are parametrically tuned to yield the lowest power loss and
highest system efficiency. As a result, a new rating method is needed which is tailored towards a more systems
centric environment. System level performance curves such as Power Loss, Safe Operating Area, and
normalized graphs allow engineers to predict the product performance in the actual application.
Power Loss Curves
MOSFET centric parameters such as RDS(ON) and Qgd are needed to estimate the loss generated by the devices.
In an effort to simplify the design process for engineers, Texas Instruments has provided measured power loss
performance curves. Figure 1 plots the power loss of the CSD87352Q5D as a function of load current. This curve
is measured by configuring and running the CSD87352Q5D as it would be in the final application (see
Figure 32).The measured power loss is the CSD87352Q5D loss and consists of both input conversion loss and
gate drive loss. Equation 1 is used to generate the power loss curve.
(VIN x IIN) + (VDD x IDD) – (VSW_AVG x IOUT) = Power Loss
(1)
The power loss curve in Figure 1 is measured at the maximum recommended junction temperatures of 125
°C
under isothermal test conditions.
Safe Operating Curves (SOA)
The SOA curves in the CSD87352Q5D data sheet provides guidance on the temperature boundaries within an
operating system by incorporating the thermal resistance and system power loss. Figure 3 to Figure 5 outline the
temperature and airflow conditions required for a given load current. The area under the curve dictates the safe
operating area. All the curves are based on measurements made on a PCB design with dimensions of 4
” (W) x
3.5
” (L) x 0.062” (T) and 6 copper layers of 1 oz. copper thickness
Normalized Curves
The normalized curves in the CSD87352Q5D data sheet provides guidance on the Power Loss and SOA
adjustments based on their application specific needs. These curves show how the power loss and SOA
boundaries will adjust for a given set of systems conditions. The primary Y-axis is the normalized change in
power loss and the secondary Y-axis is the change is system temperature required in order to comply with the
SOA curve. The change in power loss is a multiplier for the Power Loss curve and the change in temperature is
subtracted from the SOA curve.
Figure 32. Typical Application
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - CSD87352Q5D_1111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI-CSD87352Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD87352Q5D_1111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com