Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17313Q2_1010 Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD17313Q2_1010
Description  30V N-Channel NexFET??Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17313Q2_1010 Datasheet(HTML) 7 Page - Texas Instruments

  CSD17313Q2_1010 Datasheet HTML 1Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 2Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 3Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 4Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 5Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 6Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 7Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 8Page - Texas Instruments CSD17313Q2_1010 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
0.25
M0167-01
1
0.40 TYP
0.65 TYP
0.46
1.05
2.00±0.05
Ø1.50±0.10
Ø1.00±0.25
M0168-01
4.00±0.10
4.00±0.10
10°Max
10°Max
0.254±0.02
1.00±0.05
2.30±0.05
CSD17313Q2
www.ti.com
SLPS260B – MARCH 2010 – REVISED OCTOBER 2010
Recommended PCB Pattern
Note:
All dimensions are in mm, unless otherwise specified.
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing
through PCB Layout Techniques.
Q2 Tape and Reel Information
Notes: 1. Measured from centerline of sprocket hole to centerline of pocket
2. Cumulative tolerance of 10 sprocket holes is ±0.20
3. Other material available
4. Typical SR of form tape Max 108 OHM/SQ
5. All dimensions are in mm, unless otherwise specified.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - CSD17313Q2_1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1T TI1-CSD17313Q2Q1T Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2 TI1-CSD17313Q2_15 Datasheet
412Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

Similar Description - CSD17313Q2_1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com