Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8P6C-M3-86A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS8P6C-M3-86A
Description  High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8P6C-M3-86A Datasheet(HTML) 3 Page - Vishay Siliconix

  SS8P6C-M3-86A Datasheet HTML 1Page - Vishay Siliconix SS8P6C-M3-86A Datasheet HTML 2Page - Vishay Siliconix SS8P6C-M3-86A Datasheet HTML 3Page - Vishay Siliconix SS8P6C-M3-86A Datasheet HTML 4Page - Vishay Siliconix SS8P6C-M3-86A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89028
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS8P5C, SS8P6C
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
0
2
4
6
8
10
0
25
50
75
100
125
150
175
Lead Temperature (°C)
Resistive or Inductive Load
T
L measured
at the Cathode Band Terminal
0
1.0
0.5
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3 D = 0.5 D = 0.8
D = 1.0
D = t
p/T
t
p
T
0.01
0.1
1
10
100
0.2
0
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.1
1
10
100
1000
10 000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
10
1000
100
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)
Junction to Ambient


Similar Part No. - SS8P6C-M3-86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS8P6C-M3-86A VISHAY-SS8P6C-M3-86A Datasheet
99Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 16-Jan-14
More results

Similar Description - SS8P6C-M3-86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS6P4C VISHAY-SS6P4C Datasheet
95Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 10-May-11
SS6P4C VISHAY-SS6P4C_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
01-Jan-2022
SS8P3C VISHAY-SS8P3C Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 30-Jul-08
SS8P5C VISHAY-SS8P5C_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
01-Jan-2022
SS8P3C VISHAY-SS8P3C_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
01-Jan-2022
SS8P3C VISHAY-SS8P3C_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 10-May-11
SS8P5C VISHAY-SS8P5C Datasheet
111Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 30-Jul-08
SS6P4C VISHAY-SS6P4C_15 Datasheet
87Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 10-Dec-14
SS8P3C VISHAY-SS8P3C_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Dual Common Cathode Schottky Rectifier
Revision: 13-Jan-15
SS10P2CL VISHAY-SS10P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
Revision: 13-Jan-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com