Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1P4L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS1P4L
Description  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1P4L Datasheet(HTML) 3 Page - Vishay Siliconix

  SS1P4L Datasheet HTML 1Page - Vishay Siliconix SS1P4L Datasheet HTML 2Page - Vishay Siliconix SS1P4L Datasheet HTML 3Page - Vishay Siliconix SS1P4L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88915
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS1P3L, SS1P4L
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
0.3
0.5
0.7
0.9
1.1 1.2
Instantaneous Forward Voltage (V)
0.1
10
1
100
0.2
0.4
0.6
0.8
1.0
SS1P3L
SS1P4L
T
J = 150 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
1
10
100
1000
10
30
50
70
90
10 000
T
J = 150 °C
T
J = 25 °C
SS1P3L
SS1P4L
Reverse Voltage (V)
0.1
1
10
100
1
100
1000
SS1P3L
SS1P4L
0.01
10
1
100
1
10
100
0.1
1000
SS1P3L
SS1P4L
t - Pulse Duration (s)
DO-220AA (SMP)
Cathode Band
0.086 (2.18)
0.074 (1.88)
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.013 (0.35)
0.004 (0.10)
0.012 (0.30)
0.000 (0.00)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.032 (0.80)
0.016 (0.40)
0.103 (2.60)
0.087 (2.20)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.100
(2.54)
0.105
(2.67)
0.025
(0.635)
0.030
(0.762)
0.050
(1.27)


Similar Part No. - SS1P4L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P4L VISHAY-SS1P4L Datasheet
364Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
07-Feb-06
SS1P4L VISHAY-SS1P4L Datasheet
138Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
More results

Similar Description - SS1P4L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P3L-M3 VISHAY-SS1P3L-M3 Datasheet
90Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L-M3-84A VISHAY-SS2P2L-M3-84A Datasheet
86Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L_V01 Datasheet
101Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS2P2L VISHAY-SS2P2L_11 Datasheet
84Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L Datasheet
91Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 16-May-07
SS1P3L VISHAY-SS1P3L_V01 Datasheet
138Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS2P3L-M3 VISHAY-SS2P3L-M3 Datasheet
84Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS3P5L VISHAY-SS3P5L_V01 Datasheet
108Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS3P5L VISHAY-SS3P5L_11 Datasheet
97Kb / 5P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L_15 Datasheet
79Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 13-Apr-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com