Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6S20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SM6S20
Description  Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6S20 Datasheet(HTML) 3 Page - Vishay Siliconix

  SM6S20 Datasheet HTML 1Page - Vishay Siliconix SM6S20 Datasheet HTML 2Page - Vishay Siliconix SM6S20 Datasheet HTML 3Page - Vishay Siliconix SM6S20 Datasheet HTML 4Page - Vishay Siliconix SM6S20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 88384
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 18-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
196
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SM6S10 thru SM6S36A
Vishay General Semiconductor
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Power Derating Curve
Fig. 2 - Load Dump Power Characteristics
(10 ms Exponential Waveform)
Fig. 3 - Pulse Waveform
Fig. 4 - Reverse Power Capability
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to case
RJC
0.95
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM6S10AHE3/2D (1)
2.550
2D
750
13" diameter plastic tape and reel,
anode towards the sprocket hole
0
2.0
4.0
6.0
8.0
0
50
100
150
200
Case Temperature (°C)
0
2000
1000
3000
4000
5000
6000
25
50
75
100
125
150
175
Case Temperature (°C)
0
50
100
150
0
1.0
2.0
3.0
4.0
t - Time (ms)
t
d
t
r = 10 μs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d) is
Defined as the Point
Where the Peak Current
Decays to 50 % of I
PPM
1000
10 000
10
100
Pulse Width (ms) - ½ IPP Exponential Waveform


Similar Part No. - SM6S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM6S20 VISHAY-SM6S20 Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
SM6S20 VISHAY-SM6S20 Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
logo
DONGGUAN YOU FENG WEI E...
SM6S20 YFWDIODE-SM6S20 Datasheet
492Kb / 4P
   Surface Mount Automotive Transient Voltage Suppressors 4600watts/3600watts
logo
Vishay Siliconix
SM6S20A VISHAY-SM6S20A Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
SM6S20A VISHAY-SM6S20A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results

Similar Description - SM6S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
SM5A27 VISHAY-SM5A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8A27 VISHAY-SM8A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TPSMA6.8 VISHAY-TPSMA6.8_11 Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com