Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM18N33-160H Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQM18N33-160H
Description  N-Channel 330 V (D-S) 175 Celsius MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM18N33-160H Datasheet(HTML) 7 Page - Vishay Siliconix

  SQM18N33-160H Datasheet HTML 1Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 2Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 3Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 4Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 5Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 6Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 7Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 8Page - Vishay Siliconix SQM18N33-160H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 71198
www.vishay.com
Revison: 03-Jan-11
1
Package Information
Vishay Siliconix
TO-263 (D2PAK): 3-LEAD
Notes
1. Plane B includes maximum features of heat sink tab and plastic.
2. No more than 25 % of L1 can fall above seating plane by max.
8 mils.
3. Pin-to-pin coplanarity max. 4 mils.
4. *: Thin lead is for SUB, SYB.
Thick lead is for SUM, SYM, SQM.
5. Use inches as the primary measurement.
6. This feature is for thick lead.
DETAIL A (ROTATED 90°)
SECTION A-A
-A-
-B-
A
A
L1
e
b2
b
E
A
c2
c
b1
b
Detail “A”
E1
E2
K
E3
6
0.010 M A M
2 PL
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.160
0.190
4.064
4.826
b
0.020
0.039
0.508
0.990
b1
0.020
0.035
0.508
0.889
b2
0.045
0.055
1.143
1.397
c*
Thin lead
0.013
0.018
0.330
0.457
Thick lead
0.023
0.028
0.584
0.711
c1
Thin lead
0.013
0.017
0.330
0.431
Thick lead
0.023
0.027
0.584
0.685
c2
0.045
0.055
1.143
1.397
D
0.340
0.380
8.636
9.652
D1
0.220
0.240
5.588
6.096
D2
0.038
0.042
0.965
1.067
D3
0.045
0.055
1.143
1.397
E
0.380
0.410
9.652
10.414
E1
0.245
-
6.223
-
E2
0.355
0.375
9.017
9.525
E3
0.072
0.078
1.829
1.981
e
0.100 BSC
2.54 BSC
K
0.045
0.055
1.143
1.397
L
0.575
0.625
14.605
15.875
L1
0.090
0.110
2.286
2.794
L2
0.040
0.055
1.016
1.397
L3
0.050
0.070
1.270
1.778
L4
0.010 BSC
0.254 BSC
M
-
0.002
-
0.050
ECN: T10-0738-Rev. J, 03-Jan-11
DWG: 5843


Similar Part No. - SQM18N33-160H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQM10 ETC2-SQM10 Datasheet
999Kb / 2P
   Radial Ceramic Case Resistors Wirewound / Metal Oxide
logo
TT Electronics.
SQM10 TTELEC-SQM10 Datasheet
419Kb / 3P
   resistance or1 to 200k
logo
Vishay Siliconix
SQM100N02-3M5L VISHAY-SQM100N02-3M5L Datasheet
206Kb / 8P
   Automotive N-Channel 20 V (D-S) 175 째C MOSFET
SQM100N02-3M5L VISHAY-SQM100N02-3M5L Datasheet
206Kb / 8P
   Automotive N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM100N02-3M5L VISHAY-SQM100N02-3M5L Datasheet
206Kb / 8P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQM18N33-160H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP40N25-60 VISHAY-SUP40N25-60_07 Datasheet
199Kb / 4P
   N-Channel 250-V (D-S) 175 Celsius MOSFET
Rev. B, 23-Jul-07
SUD17N25-165 VISHAY-SUD17N25-165_11 Datasheet
71Kb / 4P
   N-Channel 250 V (D-S) 175 Celsius MOSFET
Rev. C, 14-Feb-11
SUP28N15-52 VISHAY-SUP28N15-52_07 Datasheet
201Kb / 4P
   N-Channel 150-V (D-S) 175 Celsius MOSFET
Rev. B, 30-Jul-07
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
SUM110N03-04P VISHAY-SUM110N03-04P Datasheet
187Kb / 4P
   N-Channel 30-V (D-S) 175 Celsius MOSFET
09-Jun-04
SUP90P06-09L VISHAY-SUP90P06-09L_06 Datasheet
203Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 02-Jan-06
SUM110P06-08L VISHAY-SUM110P06-08L_06 Datasheet
200Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 01-May-06
SQJ500EP VISHAY-SQJ500EP Datasheet
157Kb / 12P
   Automotive N- and P-Channel 40 V (D-S) 175 Celsius MOSFET
Rev. A, 29-Aug-11
SI4948BEY VISHAY-SI4948BEY_05 Datasheet
209Kb / 4P
   Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 21-Nov-05
SUP36N20-54P VISHAY-SUP36N20-54P Datasheet
227Kb / 4P
   N-Channel 200-V (D-S) 150 Celsius MOSFET
Rev. A, 06-Nov-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com