Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMMA511DJ-T1-GE3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SMMA511DJ-T1-GE3
Description  N- and P-Channel 12 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMMA511DJ-T1-GE3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SMMA511DJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SMMA511DJ-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Document Number: 65281
www.vishay.com
S09-2019-Rev. B, 05-Oct-09
9
SMMA511DJ
Vishay Siliconix
New Product
P-CHANNEL TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Soure-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.1
1
10
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
TJ - Temperature (°C)
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
VGS - Gate-to-Source Voltage (V)
0.00
0.05
0.10
0.15
0.20
012345
ID = 3.3 A
125 °C
25 °C
1000
100
1
0.001
0.01
0.1
10
Pulse (s)
20
10
5
15
0
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1 ms
10 ms
100 ms
0.01
1 s
10 s
DC
BVDSS Limited
100
100 µs
Limited by
RDS(on)*


Similar Part No. - SMMA511DJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMMA511DJ-T1-GE3 VISHAY-SMMA511DJ-T1-GE3 Datasheet
332Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SMMA511DJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com