Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97649AIRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97649AIRZ Datasheet HTML 4Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 5Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 6Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 7Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 8Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 9Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 10Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 11Page - Intersil Corporation ISL97649AIRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL97649A
8
FN7928.0
December 5, 2011
tSU:DAT
Input Data Set-up Time
From SDA exiting the 30% to 70% of VIN
window, to SCL rising edge crossing 30% of
VIN
40
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VIN to
SDA entering the 30% to 70% of VIN window
0ns
tSU:STO
STOP Condition Set-up Time
From SCL rising edge crossing 70% of VIN, to
SDA rising edge crossing 30% of VIN
400
ns
tHD:STO
STOP Condition Hold Time for Read, or
Volatile Only Write
From SDA rising edge to SCL falling edge;
both crossing 70% of VIN
400
ns
CSCL
Capacitive on SCL
5pF
CSDA
Capacitive on SDA
5pF
tWp
Non-Volatile Write Cycle Time
25
ms
EEPROM Endurance
TA= +25°C
1
kCyc
EEPROM Retention
TA = +25°C
88
kHrs
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Typical values are for TA = +25°C and VIN = 3.3V.
8. LSB = I V255 - V1I / 254. V255 and V1 are the measured voltages for the DCP register set to FF hex and 01 hex respectively.
9. DNL = I Vi+1 - Vi I / LSB-1,
10. ZS error = (V1 -VMIN) / LSB. VMIN = (VAVDD*R2) * [1-254*R1/(255*20*RSET)]/ (R1+R2).
11. FS error = (V255 - VMAX) / LSB. VMAX= (VAVDD*R2) * [1-0*R1/(255*20*RSET)]/ (R1+R2).
12. Established by design. Not a parametric spec.
13. Boost will stop switching as soon as boost output reaches OVP threshold.
14. Compliance to limits is assured by characterization and design.
Serial Interface Specifications For SCL and SDA Unless Otherwise Noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 14)
TYP
(Note 7)
MAX
(Note 14)
UNITS
i
1 255
,
[]


Similar Part No. - ISL97649AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97649AIRZ RENESAS-ISL97649AIRZ Datasheet
1Mb / 22P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649AIRZ-TR5566 RENESAS-ISL97649AIRZ-TR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
More results

Similar Description - ISL97649AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
   TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com