Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR882DP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIR882DP
Description  N-Channel 100 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR882DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SIR882DP Datasheet HTML 1Page - Vishay Siliconix SIR882DP Datasheet HTML 2Page - Vishay Siliconix SIR882DP Datasheet HTML 3Page - Vishay Siliconix SIR882DP Datasheet HTML 4Page - Vishay Siliconix SIR882DP Datasheet HTML 5Page - Vishay Siliconix SIR882DP Datasheet HTML 6Page - Vishay Siliconix SIR882DP Datasheet HTML 7Page - Vishay Siliconix SIR882DP Datasheet HTML 8Page - Vishay Siliconix SIR882DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 65932
S10-2681-Rev. B, 22-Nov-10
Vishay Siliconix
SiR882DP
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.001
0.0
0.2
0.6
1.0
0.4
0.8
1.2
0.01
1
0.1
10
100
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
- 0.8
- 50
- 25
25
75
125
0
50
100
150
- 0.6
- 0.2
- 0.4
0.0
0.2
0.4
T
J - Junction Temperature (°C)
I
D = 5 mA
I
D = 250 μA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
02
6
4
15
38
79
10
0.04
0.03
0.02
0.01
0.05
VGS - Gate-to-Source Voltage (V)
I
D = 20 A
T
J = 25 °C
T
J = 125 °C
0
0.001
0.01
0.1
1
10
40
80
120
160
200
Time (s)
Safe Operating Area, Junction-to-Ambient
0.01
0.01
0.1
1
100
10
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
BVDSS Limited
T
A = 25 °C
Single Pulse
1 ms
10 ms
1 s
10 s
100 ms
DC


Similar Part No. - SIR882DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR882DP VISHAY-SIR882DP_V01 Datasheet
1Mb / 13P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR882DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com