Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95875 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL95875
Description  PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95875 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL95875 Datasheet HTML 1Page - Intersil Corporation ISL95875 Datasheet HTML 2Page - Intersil Corporation ISL95875 Datasheet HTML 3Page - Intersil Corporation ISL95875 Datasheet HTML 4Page - Intersil Corporation ISL95875 Datasheet HTML 5Page - Intersil Corporation ISL95875 Datasheet HTML 6Page - Intersil Corporation ISL95875 Datasheet HTML 7Page - Intersil Corporation ISL95875 Datasheet HTML 8Page - Intersil Corporation ISL95875 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ISL95874, ISL95875, ISL95876
2
FN7933.0
October 21, 2011
Application Schematics: ISL95874
FIGURE 2. ISL95874 APPLICATION SCHEMATIC WITH ONE OUTPUT VOLTAGE SETPOINT AND DCR CURRENT SENSE
FIGURE 3. ISL95874 APPLICATION SCHEMATIC WITH ONE OUTPUT VOLTAGE SETPOINT AND RESISTOR CURRENT SENSE
RTN
GND
SREF
EN
CBOOT
LO
CSEN
QHS
QLS
3.3V TO 25V
0.5V TO 3.3V
RO
CO
CIN
VIN
VOUT
CVCC
CPVCC
GPIO
11
UGATE
BOOT
2
112
9
PGOOD
PHASE
4
310
+5V
RVCC
RTN1
RFB
ROFS
RFB1
RTN1
0
RTN
GND
SREF
EN
CBOOT
LO
CSEN
QHS
QLS
3.3V TO 25V
0.5V TO 3.3V
RO
CO
CIN
VIN
VOUT
CVCC
CPVCC
GPIO
11
UGATE
BOOT
2
112
9
PGOOD
PHASE
4
310
+5V
RVCC
RTN1
RFB
ROFS
RSEN
RFB1
RTN1
0


Similar Part No. - ISL95875

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95875 RENESAS-ISL95875 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95875HRUZ-T RENESAS-ISL95875HRUZ-T Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95875IRUZ-T RENESAS-ISL95875IRUZ-T Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
More results

Similar Description - ISL95875

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
   PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com