Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8023IRTAJZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8023IRTAJZ
Description  3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8023IRTAJZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8023IRTAJZ Datasheet HTML 1Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 2Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 3Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 4Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 5Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 6Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 7Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 8Page - Intersil Corporation ISL8023IRTAJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL8023, ISL8024
3
FN7812.0
December 22, 2011
Typical ApplicationBlock Diagram
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
OUTPUT VOLTAGE
(V)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8023IRTAJZ
023A
ADJUSTABLE
-40 to +85
16 Ld 3x3 TQFN
L16.3x3D
ISL8024IRTAJZ
024A
ADJUSTABLE
-40 to +85
16 Ld 3x3 TQFN
L16.3x3D
ISL8023AIRTAJZ
23AA
ADJUSTABLE
-40 to +85
16 Ld 3x3 TQFN
L16.3x3D
ISL8024AIRTAJZ
24AA
ADJUSTABLE
-40 to +85
16 Ld 3x3 TQFN
L16.3x3D
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8023, ISL8024. For more information on MSL please see techbrief
TB363.
L
1µH
PHASE
PGND
VFB
VIN
EN
PG
SS
INPUT
2.7V TO 5.5V
OUTPUT
1.8V/4A
C1
22µF
ISL8023, ISL8024
C2
R2
200k
R3
100k
2 x 22µF
SGND
C3*
4.7pF
R1
100k
FIGURE 2. TYPICAL APPLICATION DIAGRAM
COMP
SYNC
FS
VIN
* C3 is optional. Recommend to
put a placeholder for it. Check
loop analysis first before use.
VDD
SGND
TABLE 1. COMPONENT SELECTION TABLE
VOUT
0.8V
1.2V
1.5V
1.8V
2.5V
3.3V
3.6
C1
22µF
22µF
22µF
22µF
22µF
22µF
22µF
C2
4X22µF
2 x 22µF
2 x 22µF
2 x 22µF
2 x 22µF
2 x 22µF
2 x 22µF
C3
4.7pF
4.7pF
4.7pF
4.7pF
4.7pF
4.7pF
4.7pF
L1
0.47~1µH
0.47~1µH
0.47~1µH
0.68~1.5µH
0.68~1.5µH
1~2.2µH
1~2.2µH
R2
33k
100k
150k
200k
316k
450k
500k
R3
100k
100k
100k
100k
100k
100k
100k


Similar Part No. - ISL8023IRTAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8023IRTAJZ INTERSIL-ISL8023IRTAJZ Datasheet
710Kb / 20P
   Compact Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8023IRTAJZ RENESAS-ISL8023IRTAJZ Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results

Similar Description - ISL8023IRTAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com