Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8023 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8023
Description  3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8023 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8023 Datasheet HTML 4Page - Intersil Corporation ISL8023 Datasheet HTML 5Page - Intersil Corporation ISL8023 Datasheet HTML 6Page - Intersil Corporation ISL8023 Datasheet HTML 7Page - Intersil Corporation ISL8023 Datasheet HTML 8Page - Intersil Corporation ISL8023 Datasheet HTML 9Page - Intersil Corporation ISL8023 Datasheet HTML 10Page - Intersil Corporation ISL8023 Datasheet HTML 11Page - Intersil Corporation ISL8023 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL8023, ISL8024
8
FN7812.0
December 22, 2011
FIGURE 10. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.5V)
FIGURE 11. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 12. VOUT REGULATION vs LOAD (1MHz, VOUT = 2.5V)
FIGURE 13. VOUT REGULATION vs LOAD (1MHz, VOUT = 3.3V)
FIGURE 14. OUTPUT VOLTAGE REGULATION vs VIN
(PWM VOUT =1.8 )
FIGURE 15. OUTPUT VOLTAGE REGULATION vs VIN
(PFM VOUT =1.8V)
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C, VVIN = 5V,
EN = VIN, SYNC = VIN, L = 1.0µH, C1 = 22µF, C2 = 2 x 22µF, IOUT = 0A to 4A). (Continued)
1.499
1.504
1.509
1.514
1.519
1.524
1.529
0.00.5
1.01.5
2.02.5
3.03.5
4.0
IOUT (A)
3.3VIN PFM MODE
5VIN PWM MODE
3.3VIN PWM MODE
5VIN PFM MODE
1.794
1.800
1.806
1.812
1.818
1.824
1.830
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
3.3VIN PFM MODE
5VIN PWM MODE
3.3VIN PWM MODE
5VIN PFM MODE
2.492
2.500
2.508
2.516
2.524
2.532
2.540
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
3.3VIN PFM MODE
5VIN PWM MODE
3.3VIN PWM MODE
5VIN PFM MODE
3.300
3.309
3.318
3.327
3.336
3.345
3.354
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5VIN PFM MODE
5VIN PWM MODE
IOUT (A)
1.785
1.790
1.795
1.800
1.805
1.810
1.815
2.02.5
3.03.5
4.04.5
5.0
5.5
6.0
4A LOAD
0A LOAD
2A LOAD
VIN (V)
1.788
1.796
1.804
1.812
1.820
1.828
1.836
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
4A LOAD
0A LOAD
2A LOAD


Similar Part No. - ISL8023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8023 INTERSIL-ISL8023 Datasheet
710Kb / 20P
   Compact Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
ISL8023AEVAL3Z RENESAS-ISL8023AEVAL3Z Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
logo
Intersil Corporation
ISL8023AIRTAJZ INTERSIL-ISL8023AIRTAJZ Datasheet
710Kb / 20P
   Compact Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8023AIRTAJZ RENESAS-ISL8023AIRTAJZ Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results

Similar Description - ISL8023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com