Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21106DR-285-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP21106DR-285-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21106DR-285-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP21106DR-285-E3 Datasheet HTML 4Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 5Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 9Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 10Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 11Page - Vishay Siliconix SIP21106DR-285-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.vishay.com
8
Document Number: 74442
S09-1047-Rev. G, 08-Jun-09
Vishay Siliconix
SiP21106, SiP21107, SiP21108
TYPICAL CHARACTERISTICS
Output Voltage vs. Input Voltage
Dropout Voltage vs. Load Current
Dropout Voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0123456
VIN (V)
I OUT = 0 mA
I OUT = 150 mA
SiP21106: 2.8 V
0
20
40
60
80
100
120
140
160
180
0
25
50
75
100
125
150
IOUT (mA)
TA = + 85 °C
TA = + 25 °C
TA = - 40 °C
SiP21106: 2.8 V
20
40
60
80
100
120
140
160
180
- 40
- 15
10
35
60
85
Temperature (°C)
IOUT = 150 mA
IOUT = 100 mA
IOUT = 50 mA
SiP21106: 2.8 V
Output Voltage Accuracy vs. Temperature
Dropout Voltage vs. Input Voltage
Ground Current vs. Temperature
- 1.50
- 1.00
- 0.50
0.00
0.50
1.00
- 40
- 15
10
35
60
85
Temperature (°C)
IOUT = 1 mA
SiP21106: 2.8 V
60
80
100
120
140
160
180
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
IOUT = 150 mA
I
OUT = 100 mA
SiP21106: 2.8 V
34
35
36
37
38
39
40
41
- 40
- 15
10
35
60
85
Temperature (°C)
IOUT = 150 mA
IOUT = 1 mA
SiP21106: 2.8 V


Similar Part No. - SIP21106DR-285-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106DR-285-E3 VISHAY-SIP21106DR-285-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21106DR-285-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com