Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21106DR-12-E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP21106DR-12-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21106DR-12-E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP21106DR-12-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 9Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 10Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 11Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 12Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 13Page - Vishay Siliconix SIP21106DR-12-E3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.vishay.com
10
Document Number: 74442
S09-1047-Rev. G, 08-Jun-09
Vishay Siliconix
SiP21106, SiP21107, SiP21108
TYPICAL OPERATING WAVEFORMS
50 µs/DIV
Load Transient Response
200 µs/DIV
Line Transient Response
200 µs/DIV
Line Transient Response
IOUT (100 mA/DIV)
VOUT (50 mV/DIV)
SiP21106: 4.6 V
VIN = 5.5 V
VOUT = 4.6 V
CIN = 1 µF
COUT = 1 µF
CBP = 10 nF
VOUT (10 mV/DIV)
VIN (200 mV/DIV)
AC Coupling
SiP21106: 4.6 V
VIN = 5.0 to 5.5 V
IOUT = 150 mA
CBP = 10 nF
VOUT = 4.6 V
COUT = 1 µF
CIN = 1 µF
VOUT (10 mV/DIV)
VIN (200 mV/DIV)
AC Coupling
SiP21106: 4.6 V
VIN = 5.0 to 5.5 V
IOUT = 1 mA
CIN = 1 µF
CBP = 10 nF
VOUT = 4.6 V
COUT = 1 µF
50 µs/DIV
Load Transient Response
200 µs/DIV
Line Transient Response
200 µs/DIV
Line Transient Response
IOUT (100 mA/DIV)
VOUT (50 mV/DIV)
SiP21106: 2.8 V
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 µF
COUT = 1 µF
CBP = 10 nF
SiP21106: 2.8 V
VIN = 3.8 to 4.8 V
VOUT = 2.8 V
IOUT = 150 mA
CIN = 1 µF
COUT = 1 µF
CBP = 10 nF
VIN (1 V/DIV)
AC Coupling
VOUT (10 mV/DIV)
VIN (1 V/DIV)
AC Coupling
SiP21106: 2.8 V
VIN = 3.8 to 4.8 V
VOUT = 2.8 V
IOUT = 1 mA
CIN = 1 µF
COUT = 1 µF
CBP = 10 nF
VOUT (10 mV/DIV)


Similar Part No. - SIP21106DR-12-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106DR-12-E3 VISHAY-SIP21106DR-12-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21106DR-12-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com