Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP2122FRTAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP2122FRTAZ
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2122FRTAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP2122FRTAZ Datasheet HTML 4Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 5Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 6Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 7Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 8Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 9Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 10Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 11Page - Intersil Corporation HIP2122FRTAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HIP2122, HIP2123
8
FN7670.0
December 23, 2011
Typical Performance Curves
FIGURE 3. HIP2122 IDD OPERATING CURRENT vs FREQUENCY
FIGURE 4. HIP2123 IDD OPERATING CURRENT vs FREQUENCY
FIGURE 5. IHB OPERATING CURRENT vs FREQUENCY
FIGURE 6. IHBS OPERATING CURRENT vs FREQUENCY
FIGURE 7. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 8. LOW LEVEL OUTPUT VOLTAGE vs TEMPERATURE
0.1
1.0
10.0
FREQUENCY (Hz)
T = +25°C
T = +125°C
T = +150°C
10k
100k
1M
T = -40°C
10k
100k
1M
0.1
1.0
10.0
FREQUENCY (Hz)
T = +25°C
T = -40°C
T = +125°C
T = +150°C
FREQUENCY (Hz)
0.01
1.0
10.0
T = +25°C
T = +125°C
T = +150°C
10k
100k
1M
0.1
T = -40°C
FREQUENCY (Hz)
0.01
1.0
10.0
T = +25°C
T = -40°C
T = +125°C
T = +150°C
10k
100k
1M
0.1
-50
0
50
100
150
50
100
150
200
250
300
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V
-50
0
50
100
150
50
100
150
200
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V


Similar Part No. - HIP2122FRTAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2122FRTAZ RENESAS-HIP2122FRTAZ Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results

Similar Description - HIP2122FRTAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com