Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQQ2K02W Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVQQ2K02W
Description  6 mm Square Thin Type SMD Light Touch Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQQ2K02W Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVQQ2K02W Datasheet HTML 1Page - Panasonic Semiconductor EVQQ2K02W Datasheet HTML 2Page - Panasonic Semiconductor EVQQ2K02W Datasheet HTML 3Page - Panasonic Semiconductor EVQQ2K02W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Light Touch Switches/EVQP0/Q2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES86 –
P2 P0
P1
t2
t1
φD0
A
Tape width=12.0 mm
Feeding hole
Chip pocket
Chip component
Tape running direction
0.3 mm max.
Switch
Test pole
Leaning angle range
90
°±4 °
(vertical direction)
Mounting surface
R0.1 mm
±0.05 mm
R0.1 mm
±0.05 mm
2mm Type
2.5 mm, 3.1 mm Type
φ3 –0.5
+0
φ4 –0+0.5
T
W
A
E
C
D
r
t
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
Embossed Carrier Taping
Recommended Reflow Soldering Conditions
Part No.
Height
A
B
W
F
E
P1
P2
P0
D0 Dia
t1
t2
EVQP0, EVQQ2
2.0
6.7±0.2
7.4±0.2
12.0±0.3
5.5±0.1 1.75±0.10 8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.30±0.05
2.2±0.2
2.5/3.1
3.2±0.2
_0
Unit: mm
Standard Reel Dimensions in mm (not to scale)
Item
A
B
C
D
E
Rate (mm)
φ380.0±2.0 φ80.0±1.0 φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
13.5±1.0
17.5±1.0
Recommended Shape of Test Pole
Recommended Operating Conditions
Sep. 2010
00


Similar Part No. - EVQQ2K02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ2K02W PANASONIC-EVQQ2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQQ2K02W PANASONIC-EVQQ2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2K02W PANASONIC-EVQQ2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2K02W PANASONIC-EVQQ2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
More results

Similar Description - EVQQ2K02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-PRDA09 PANASONIC-EVQ-PRDA09 Datasheet
112Kb / 3P
   6 mm Square Thin Type Double-action SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
   6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
   6 mm Square Long Travel 2R Light Touch Switches
EVQ-PPBA25 PANASONIC-EVQ-PPBA25 Datasheet
97Kb / 4P
   6.0 mm3.5 mm Square Thin type Light Touch Switches for Refl ow Sol der ing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com