Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21107DVP-46-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP21107DVP-46-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21107DVP-46-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP21107DVP-46-E3 Datasheet HTML 1Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 2Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 3Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 4Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 5Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21107DVP-46-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Document Number: 74442
S09-1047-Rev. G, 08-Jun-09
www.vishay.com
5
Vishay Siliconix
SiP21106, SiP21107, SiP21108
PIN CONFIGURATION
EN
GND
V
V
NC
BP/Adj/POK
IN
OUT
TOP VIEW
1
2
3
4
5
6
EN
GND
V
V
NC
BP/Adj/POK
IN
OUT
BOTTOM VIEW
TSC75-6L Package (1.6 mm x 1.6 mm x 0.55 mm)
Figure 2.
EN
GND
V
V
BP/Adj/POK
IN
OUT
1
2
3
4
5
1
2
3
4
5
TOP VIEW
EN
GND
VIN
V
BP/Adj/POK
OUT
BOTTOM VIEW
TSOT23-5L/SC70-5LPackage
PIN DESCRIPTION
Pin Number
TSC75-6L
Pin Number
TSOT23-5L/
SC70-5L
Name
Function
13
EN
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to
VIN if unused. Do not leave floating.
2
2
GND
Ground pin. For better thermal capability, directly connected to large ground plane.
31
VIN
Input supply pin. Bypass this pin with a 1 µF ceramic or tantalum capacitor to ground.
45
VOUT
Output voltage. Connect COUT between this pin and ground.
5
-
NC
No Connection.
6
4
BP/Adj/POK
- BP (SiP21106): Noise bypass pin. For low noise applications, a 10 nF ceramic capacitor
should be connected from this pin to ground.
- Adj (SiP21108): Adjust input pin. Connect feedback resistors to program the output
voltage for trim value of 1.2005 V.
- POK (SiP21107): Power OK (error flag) pin. Open-drain output, which requires
connecting a pull-up resistor to VIN or VOUT. POK pin is actively high to indicate an output
normal operation condition on regulator and goes low to indicate under-voltage fault
condition.


Similar Part No. - SIP21107DVP-46-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21107DVP-46-E3 VISHAY-SIP21107DVP-46-E3 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
SIP21107DVP-46-E3 VISHAY-SIP21107DVP-46-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21107DVP-46-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com