Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQPE104K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQPE104K
Description  6.0 mm3.5 mm SMD Light Touch Switch es
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPE104K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQPE104K Datasheet HTML 1Page - Panasonic Semiconductor EVQPE104K Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Light Touch Switches/EVQPE1/PN/5P
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
3.5
±0.5
1.0
±0.2
1.4
A
A
B
B
Circuit diagram
0.5 max.
3.5
H
1.3
7.4
3.4
PWB land pattern for reference
T
W
A
E
C
D
r
t
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
Dimensions in mm (not to scale)
Part Numbers
Operating Force
H=Height
Push Plate Color
Operating Life
EVQPE104K1.0 N4.3 mm
Black50000 cycles
EVQPE105K1.0 N5.0 mm
Black50000 cycles
EVQPNF04M1.6 N4.3 mm
Natural50000 cycles
EVQPNF05M1.6 N5.0 mm
Natural50000 cycles
EVQ5PN04K2.4 N4.3 mm
Black30000 cycles
EVQ5PN05K2.4 N5.0 mm
Black30000 cycles
EVQPE1
EVQPNF
EVQ5PN
(Embossed Taping)
Standard Reel Dimensions in mm (not to scale)
Recommended Reflow Soldering Conditions
Embossed Carrier Taping
Unit: mm
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQPE1
EVQPN
EVQ5P
4.3/5.0
4.45±0.20 7.25±0.20 12.0±0.3
5.5±0.1
1.75±0.10
8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.30±0.05 4.5/5.2±0.2
–0
Item
A
B
C
D
E
Rate (mm)
φ370.0±2.0 φ50.0 min. φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
14.0±1.5
1.0 to 3.0
1.0±0.5
Jun. 2008


Similar Part No. - EVQPE104K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPE104K PANASONIC-EVQPE104K Datasheet
67Kb / 2P
   6.0 mm3.5 mm SMD Light Touch Switch es
EVQPE104K PANASONIC-EVQPE104K Datasheet
67Kb / 2P
   External dimensions 6.0 mm3.5 mm, Height 4.3 mm, 5.0 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com