Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP32413DNP-T1-GE4 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIP32413DNP-T1-GE4
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413DNP-T1-GE4 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIP32413DNP-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 10Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 11Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number: 67493
www.vishay.com
Revison: 07-Feb-11
1
Package Information
Vishay Siliconix
CASE OUTLINE FOR TDFN8 2 x 2
Note
1. All dimensions are in millimeters which will govern.
2. Max. package warpage is 0.05 mm.
3. Max. allowable burrs is 0.076 mm in all directions.
4. Pin #1 ID on top will be laser/ink marked.
5. Dimension applies to meatlized terminal and is measured
between 0.20 mm and 0.25 mm from terminal tip.
6. Applied only for terminals.
7. Applied for exposed pad and terminals.
Top View
Side View
Bottom View
K
K
L
D2
Pin 1 Indicator
(Optional)
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
D
A
A3
A1
7
6
0.05 C
Index Area
(D/2 x E/2)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
-
0.05
0.000
-
0.002
A3
0.152 REF
0.006 REF
b
0.18
0.23
0.28
0.007
0.009
0.011
D
1.95
2.00
2.05
0.077
0.079
0.081
D2
0.75
0.80
0.85
0.030
0.031
0.033
e
0.50 BSC
0.020 BSC
E
1.95
2.00
2.05
0.077
0.079
0.081
E2
1.40
1.45
1.50
0.055
0.057
0.059
K
-
0.20
-
-
0.008
-
L
0.30
0.35
0.40
0.012
0.014
0.016
ECN: C11-0033 Rev. A, 07-Feb-11
DWG: 5997


Similar Part No. - SIP32413DNP-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
406Kb / 13P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. B, 19-Dec-11
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
More results

Similar Description - SIP32413DNP-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. B, 19-Dec-11
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. E, 22-Aug-11
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
   1.2 A Slew Rate Controlled Load Switch
01-Jan-2022
logo
SiGe Semiconductor, Inc...
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
   Dual Slew Rate Controlled Load Switch
logo
SiGe Semiconductor, Inc...
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4252A ANALOGICTECH-AAT4252A Datasheet
664Kb / 14P
   Dual Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A Datasheet
552Kb / 14P
   Dual Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com