Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-B628 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-B628
Description  Silicon Tuning Diode (Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-B628 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-B628 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-B628 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BB 833
Semiconductor Group
2
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Diode capacitance CT = f (VR)
f = 1 MHz
Parameter
Symbol
min.
typ.
Unit
Values
max.
Reverse current
VR = 30 V
VR = 30 V, TA = 85 ˚C
IR
nA
20
500
Diode capacitance
f = 1 MHz,VR = 1 V
VR = 28 V
CT
pF
8.5
0.6
9.3
0.75
10
0.9
Capacitance matching
f = 1 MHz, VR = 1 V … 28 V
CT
CT
%
––3
Capacitance ratio
f = 1 MHz, VR = 1 V, 28 V
CT1
CT28
11
12.4
Series inductance
Ls
nH
–––
Series resistance
CT = 9 pF, f = 470 MHz
rs
1.8


Similar Part No. - Q62702-B628

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-B62 SIEMENS-Q62702-B62 Datasheet
180Kb / 5P
   NPN SILICON EPIBASE TRANSISTORS
Q62702-B62 SIEMENS-Q62702-B62 Datasheet
183Kb / 5P
   PNP SILICON EPIBASE TRANSISTORS
More results

Similar Description - Q62702-B628

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB837 SIEMENS-BB837 Datasheet
43Kb / 3P
   Silicon Tuning Diode (Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units)
BB835 SIEMENS-BB835 Datasheet
24Kb / 2P
   Silicon Tuning Diode (Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units)
BB831 SIEMENS-BB831 Datasheet
63Kb / 3P
   Silicon Variable Capacitance Diode (Frequency range up to 2 GHz special design for use in TV-sat indoor units)
BB811 SIEMENS-BB811 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (Frequency range up to 2 GHz; special design for use in TV-sat indoor units)
BB857 SIEMENS-BB857 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For SAT-indoor-units High capacitance ratio Low series inductance)
logo
Pasternack Enterprises,...
PE15A5011 PASTERNACK-PE15A5011 Datasheet
503Kb / 7P
   0.03 GHz to 2.5 GHz Frequency Range
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
   Frequency Range 2.4 GHz to 2.5 GHz
logo
Sanyo Semicon Device
SVC241 SANYO-SVC241 Datasheet
28Kb / 4P
   Varactor Diode For AM Up Conversion Tuning Use
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com