Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVPAD Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVPAD
Description  10 mm Square Center Space Long Travel SMD Light Touch Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAD Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVPAD Datasheet HTML 1Page - Panasonic Semiconductor EVPAD Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Light Touch Switches/EVPAD
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
180
260
MAX.
150
230
90 to 30
40 to 10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
T
W
A
E
C
D
r
t
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
t3
t2
1
The delivered carrier tape shape is either
1 or 2.
Dimension t3 only applies to shape 2.
2
–0.4
+0
10.35
9.8
φ4.2
φ4.5
0.8
11.3
±0.1
8.4
±0.1
A4
A3
B2
A2
B1
A1
A1
B1
A2
A3
B2
A4
B1,B2
A1,A2,A3,A4
PWB land pattern for reference
LED implementation position
LED implementation area
Circuit Diagram
(Precautions for pattern design)
✽ Note that the terminals are exposed at the sections shaded with "
"
✽ Establish electrical connection at A1, A2, A3, and A4 to improve the contact performance.
Embossed Carrier Taping
Recommended Reflow Soldering Conditions
Unit: mm
Standard Reel Dimensions in mm (not to scale)
Item
A
B
C
D
E
Rate (mm)
φ380.0±2.0 φ80.0±1.0 φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
17.5±0.5
21.5±1.0
Part No.
Height
A
B
W
F
E
P1
P2
P0
D0 Dia
t1
t2
t3
EVPAD
4.6
10.7±0.2 10.7±0.2 16.0±0.3
7.5±0.1 1.75±0.10 12.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.40±0.05 4.8±0.2
5.8±2.0
_0
Dimensions in mm (not to scale)
EVPADK04K
(Embossed Taping)
Sep. 2010
00


Similar Part No. - EVPAD

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA002K PANASONIC-EVPAA002K Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVPAA002K PANASONIC-EVPAA002K Datasheet
79Kb / 3P
   External dimensions 3.5 mm2.9 mm, Height 1.7 mm
EVPAA102K PANASONIC-EVPAA102K Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVPAA102K PANASONIC-EVPAA102K Datasheet
79Kb / 3P
   External dimensions 3.5 mm2.9 mm, Height 1.7 mm
More results

Similar Description - EVPAD

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
   6 mm Square Long Travel 2R Light Touch Switches
EVQ-QJJ05Q PANASONIC-EVQ-QJJ05Q Datasheet
70Kb / 2P
   8 mm Square Long Travel 2R Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
   6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com