Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP12503 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP12503
Description  500-mA - Adjustable Boost Converter for Single or Dual Cell
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12503 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP12503 Datasheet HTML 3Page - Vishay Siliconix SIP12503 Datasheet HTML 4Page - Vishay Siliconix SIP12503 Datasheet HTML 5Page - Vishay Siliconix SIP12503 Datasheet HTML 6Page - Vishay Siliconix SIP12503 Datasheet HTML 7Page - Vishay Siliconix SIP12503 Datasheet HTML 8Page - Vishay Siliconix SIP12503 Datasheet HTML 9Page - Vishay Siliconix SIP12503 Datasheet HTML 10Page - Vishay Siliconix SIP12503 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NOTES:
1.
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2.
All dimensions are in millimeters. All angels are in degrees.
3.
N is the total number of pins.
4.
The pin #1 identifier and pin numbering convention shall conform to JESD 95-1 SPP-012. Details of pin #1 identifier is located within the
zone indicated. The pin #1 identifier is marked.
5.
Dimension b applies to metallized pin and is measured between 0.15 mm and 0.20 mm from the pin tip.
6.
ND refers to the maximum number of pins on the D side.
7.
Depopulation of pins is allowed and will be called out on the individual variation.
8.
Coplanarity applies to the exposed heat sink slug as well as the pins.
9.
Profile tolerance (aaa) will be applicable only to the plastic body and not to the metallized features (such as the pin tips and tie bars.)
Metallized features may protrude a maximum of L2 from the plastic body profile.
10. L1 max is not called out, the metallized feature will extend to the exposed pad. Thus, the 0.17-mm gap does not apply.
11. The corner will be sharp unless otherwise specified with radius dimensions.
Package Information
Vishay Siliconix
www.vishay.com
2
Document Number: 72820
28-Jan-04
PowerPAKr MLP33-6, 8, 10
N = 6 PITCH: 0.95 mm
N = 8 PITCH: 0.65 mm
N = 10 PITCH: 0.50 mm
MILLIMETERS*
INCHES
Dim
Basic
Min
Nom
Max
Basic
Min
Nom
Max
Notes
A
0.80
0.90
1.00
0.031
0.035
0.039
1, 2
A1
0.00
0.025
0.05
0.000
0.001
0.002
1, 2
A2
0.65
0.70
0.75
0.026
0.028
0.030
1, 2
A3
0.15
0.20
0.25
0.006
0.008
0.010
1, 2
aaa
0.10
0.004
1, 2
b-6
0.33
0.35
0.43
0.013
0.014
0.017
1, 2, 8
b-8
0.285
0.305
0.385
0.011
0.012
0.015
1, 2, 8
b-10
0.18
0.20
0.28
0.007
0.008
0.011
1, 2, 8
bbb
0.10
0.004
1, 2
ccc
0.10
0.004
1, 2
D
3.00
0.118
1, 2, 8
D2
1.92
2.02
2.12
0.076
0.080
0.083
1, 2, 8
ddd
0.05
0.002
1, 2
E
3.00
0.118
1, 2, 8
E2
1.10
1.20
1.30
0.043
0.047
0.051
1, 2, 8
e-6
0.95
0.037
1, 2
e-8
0.65
0.026
1, 2
e-10
0.50
0.020
1, 2
K
0.20
0.008
5, 11
L
0.20
0.29
0.45
0.008
0.011
0.018
1, 2, 8
L1-6
0.16
0.24
0.40
0.006
0.009
0.016
1, 2, 8
L1-8
0.16
0.24
0.40
0.006
0.009
0.016
1, 2, 8
L1-10
1, 2, 8
L2
0.125
0.005
5, 11
R Ref
0.15
0.006
1, 2, 8
R1 Ref-6
0.127
0.005
1, 2, 8
R1 Ref-8
0.15
0.006
1, 2, 8
R1 Ref-10
0.075
0.003
1, 2, 8
Q
0_
10_
12_
0_
10_
12_
1, 2
* Use millimeters as the primary measurement.
ECN: S-40082—Rev. A, 02-Feb-04
DWG: 5925


Similar Part No. - SIP12503

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
   Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Rev. B, 03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
   Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Rev. B, 03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12502DMP-20-E3 VISHAY-SIP12502DMP-20-E3 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12502DMP-33-E3 VISHAY-SIP12502DMP-33-E3 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
More results

Similar Description - SIP12503

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
   Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
NXP Semiconductors
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
   3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
   3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
   1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com