Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVPAA402W Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVPAA402W
Description  LIGHT TOUCH SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAA402W Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVPAA402W Datasheet HTML 1Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 2Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 3Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 4Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 5Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 6Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 7Page - Panasonic Semiconductor EVPAA402W Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Classification
Issue No.
Part Name
Part No.
5.2 Mechanical characteristics
No.
ITEM
TEST CONDITION
PERFORMANCE
5.2.1 Operation
Push force
+
force
N
-
Return force
N min.
5.2.2 Travel to
closure
+
mm
-
5.2.3 Push
sec.
No damage
N
for
strength
(Electrical and
mechanical)
5.2.4 Vibration
1) Amplitude : 1.5 mm
No.5.1 and
5.2.1 to 5.2.2 shall
2) Sweep rate : 10-55-10Hz for 1 minute
test
be satisfied.
3) Sweep method : Logarithmic frequency
sweep rate
4) Vibration direction : X,Y,Z(3 directions)
5) Time : Each direction 2 hours
(Total 6 hours)
5.2.5 Soldering
Mount the switch on P.W.B by adhesive.
Contact resistance
heat test
100 mΩ max.
1) Reflow process 2 times.
(Refer to section 6.1)
No.5.1.2 to 5.1.4 and
2) Standard conditions after test : 1 hours
No.5.2.1 to 5.2.2
shall be satisfied.
5.2.6 Solderbility
After spreading flux, the terminal is immersed 95% or more of surface
in solder with following condition.
area(Excluding ruptured
Solder ber : M705/Sn-3.0Ag-0.5Cu
surface)where is
(Senju Metal Indusry Co.,Ltd.)
immersed in solder
Flux : CF-110VH-2A (tamura kaken)
shall be covered by new
Soldering temperture : 260±5℃
solder.
Soldering time : 2±0.5 sec.
20090855
LIGHT TOUCH SWITCH
4/8
EVPAA402W
0.60
2.4
0.60
0.3
0.10
0.15
0.10
50
60
REFERENCE SPECIFICATION
Panasonic Electronic Devices Co., Ltd.


Similar Part No. - EVPAA402W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA402W PANASONIC-EVPAA402W Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVPAA402W PANASONIC-EVPAA402W Datasheet
79Kb / 3P
   External dimensions 3.5 mm2.9 mm, Height 1.7 mm
More results

Similar Description - EVPAA402W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA602W PANASONIC-EVPAA602W Datasheet
145Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA802Q PANASONIC-EVPAA802Q Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
logo
SHOUDING Shouding Semic...
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
   1W & 3W Light touch switch LED / head light drive
logo
Panasonic Semiconductor
EVQP6 PANASONIC-EVQP6 Datasheet
129Kb / 4P
   4 mm Square SMD Light Touch Switch
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
   4.9 mm Square SMD Light Touch Switch es
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com