Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVPAA002K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EVPAA002K
Description  LIGHT TOUCH SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAA002K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EVPAA002K Datasheet HTML 1Page - Panasonic Semiconductor EVPAA002K Datasheet HTML 2Page - Panasonic Semiconductor EVPAA002K Datasheet HTML 3Page - Panasonic Semiconductor EVPAA002K Datasheet HTML 4Page - Panasonic Semiconductor EVPAA002K Datasheet HTML 5Page - Panasonic Semiconductor EVPAA002K Datasheet HTML 6Page - Panasonic Semiconductor EVPAA002K Datasheet HTML 7Page - Panasonic Semiconductor EVPAA002K Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Classification
Issue No.
Part Name
Part No.
5.3 Climatic characteristics
ITEM
TEST CONDITION
PERFORMANCE
No.
5.3.1 Cold test
1) Temperature : -40±2 ℃
Contact resistance
2) Duration of test : 500 h
1000 mΩ max.
3) Take off a drop water.
No.5.1.2 to 5.1.4 and
4) Standard conditions after test : 1 h
No.5.2.1 to 5.2.2
shall be satisfied.
5.3.2 Heat test
1) Temperature : 85±2 ℃
Contact resistance
2) Duration of test : 500 h
1000 mΩ max.
3) Standard conditions after test : 1 h
No.5.1.2 to 5.1.4 and
No.5.2.1 to 5.2.2
shall be satisfied.
Contact resistance
5.3.3 Heat shock
1) Test cycles : 20 cycles
test
2) Standard conditions after test : 1 h
1000 mΩ max.
No.5.1.2 to 5.1.4 and
A:+85±2 ℃
No.5.2.1 to 5.2.2
B:-40±2 ℃
shall be satisfied.
C:1 hour
D:5 minutes max.
E:1 hour
F:5 minutes max.
5.3.4 Humidity test
1) Temperature : 60±2 ℃
Contact resistance
2) Relative humidity : 90~95 %
1000 mΩ max.
No.5.1.2 to 5.1.4 and
3) Duration of test : 500 h
4) Take off a drop water.
No.5.2.1 to 5.2.2
5) Standard conditions after test : 1 h
shall be satisfied.
5.3.5 Endurance
1) DC
V
mA Resistance load
Contact resistance
(Switching
2) Operation speed : 2~3 times/s
Ω max.
action)
Bouncing : 10 ms max.
3) Push force : Maximum value of operation
Variation rate of
force
4) Operation number :
times
operation force shall
be within ±30 % to the
value before testing
No.5.1.2 and 5.2.2
shall be satisfied.
5.3.6 Withstand H S
1) Density : 3±1 ppm
Contact resistance
2
2) Temperature : 40±2 ℃
1000 mΩ max.
No.5.1.2 to 5.1.4 and
3) Relative humidity : 80~85 %
4) Duration of test : 24 h
No.5.2.1 to 5.2.2
5) Standard conditions after test : 1 h
shall be satisfied.
20090851
LIGHT TOUCH SWITCH
5/8
EVPAA002K
15
20
20
1,000,000
REFERENCE SPECIFICATION
Panasonic Electronic Devices Co., Ltd.


Similar Part No. - EVPAA002K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVPAA002K PANASONIC-EVPAA002K Datasheet
79Kb / 3P
   External dimensions 3.5 mm2.9 mm, Height 1.7 mm
More results

Similar Description - EVPAA002K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA602W PANASONIC-EVPAA602W Datasheet
145Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA402W PANASONIC-EVPAA402W Datasheet
145Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA802Q PANASONIC-EVPAA802Q Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
logo
SHOUDING Shouding Semic...
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
   1W & 3W Light touch switch LED / head light drive
logo
Panasonic Semiconductor
EVQP6 PANASONIC-EVQP6 Datasheet
129Kb / 4P
   4 mm Square SMD Light Touch Switch
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
   4.9 mm Square SMD Light Touch Switch es
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com