Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC769ADB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIC769ADB
Description  Integrated DrMOS Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769ADB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIC769ADB Datasheet HTML 6Page - Vishay Siliconix SIC769ADB Datasheet HTML 7Page - Vishay Siliconix SIC769ADB Datasheet HTML 8Page - Vishay Siliconix SIC769ADB Datasheet HTML 9Page - Vishay Siliconix SIC769ADB Datasheet HTML 10Page - Vishay Siliconix SIC769ADB Datasheet HTML 11Page - Vishay Siliconix SIC769ADB Datasheet HTML 12Page - Vishay Siliconix SIC769ADB Datasheet HTML 13Page - Vishay Siliconix SIC769ADB Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.vishay.com
10
Document Number: 65708
S10-0113-Rev. B, 18-Jan-10
Vishay Siliconix
SiC769ACD
ELECTRICAL CHARACTERISTICS
SMOD Falling Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
ICIN + IDRV (mA) vs. Temperature at Frequency = 1 MHz
D = 10 %, VCIN = VDRV = 5 V
PWM Falling Tristate (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40
- 10
35
80
5
50
110
95
125
- 25
20
65
140
Temperature (°C)
0.9
1.3
1.1
1.5
1.6
1.0
1.4
1.2
- 40
- 10
35
80
550
110
95
125
- 25
20
65
140
Temperature (°C)
0
20
10
30
40
50
60
- 40
- 10
35
80
550
110
95
125
- 25
20
65
140
Temperature (°C)
1.0
1.8
1.4
2.2
2.6
1.2
2.0
1.6
2.4
SMOD Rising Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
IDRV (mA) vs. Temperature at Frequency = 1 MHz
D = 10 %, VCIN = VDRV = 5 V
PWM Rising Tristate Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40
- 10
35
80
550
110
95
125
- 25
20
65
140
Temperature (°C)
1.40
1.60
1.50
1.70
1.75
1.80
1.45
1.65
1.55
- 40
- 10
35
80
550
110
95
125
- 25
20
65
140
Temperature (°C)
25
35
30
40
45
50
- 40
- 10
35
80
550
110
95
125
- 25
20
65
140
Temperature (°C)
1.0
1.4
1.2
1.6
1.1
1.5
1.3


Similar Part No. - SIC769ADB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC769ADB VISHAY-SIC769ADB Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
More results

Similar Description - SIC769ADB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
   Integrated DrMOS Power Stage
Rev. A, 08-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com