Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC762CD-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC762CD-T1-GE3
Description  Integrated DrMOS Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC762CD-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC762CD-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIC762CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
SiC762CD
Document Number: 65727
S10-0275-Rev. A, 08-Feb-10
www.vishay.com
1
Integrated DrMOS Power Stage
DESCRIPTION
The SiC762CD is an integrated solution that contains PWM
optimized n-channel MOSFETs (high side and low side) and
a full featured MOSFET driver IC. The device complies with
the Intel DrMOS standard for desktop and server Vcore power
stages. The SiC762CD delivers up to 35 A continuous output
current and operates from an input voltage range of 3 V to
27 V. The integrated MOSFETs are optimized for output
voltages in the ranges of 0.8 V to 2.0 V with a nominal input
voltage of 24 V. The device can also deliver very high power
at 5 V output for ASIC applications.
The SiC762CD incorporates an advanced MOSFET gate
driver IC. This IC accepts a single PWM input from the VR
controller and converts it into the high side and low side
MOSFET gate drive signals. The driver IC is designed to
implement the skip mode (SMOD) function for light load
efficiency improvement. Adaptive dead time control also
works to improve efficiency at all load points. The SiC762CD
has a thermal warning (THDN) that alerts the system of
excessive junction temperature. The driver IC includes an
enable pin, UVLO and shoot through protection.
The SiC762CD is optimized for high frequency buck
applications. Operating frequencies in excess of 1 MHz can
easily be achieved.
The SiC762CD is packaged in Vishay Siliconix high
performance PowerPAK MLP6 x 6 package. Compact
co-packaging
of
components
helps
to
reduce
stray
inductance, and hence increases efficiency.
FEATURES
Integrated Gen III MOSFETs and DrMOS
compliant gate driver IC
Enables Vcore switching at 1 MHz
Easily achieve > 90 % efficiency in multi-phase,
low output voltage solutions
Low ringing on the VSWH pin reduces EMI
Pin compatible with DrMOS 6 x 6 version 3.0
Tri-state PWM input function prevents negative output
voltage swing
5 V logic levels on PWM
MOSFET threshold voltage optimized for 5 V driver bias
supply
Automatic skip mode operation (SMOD) for light load
efficiency
Under-voltage lockout
Built-in bootstrap schottky diode
Adaptive deadtime and shoot through protection
Thermal shutdown warning flag
Low profile, thermally enhanced PowerPAK® MLP 6 x 6
40 pin package
Halogen-free according to IEC 61249-2-21 definition
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
CPU and GPU core voltage regulation
Server, computer, workstation, game console, graphics
boards, PC
SIC762CD APPLICATION DIAGRAMM
Figure 1
SiC762CD
VCIN
SMOD
DSBL#
PWM
THDN
PHASE
VSWH
BOOT
VIN
5 V
VO


Similar Part No. - SIC762CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762CD-T1-GE3 VISHAY-SIC762CD-T1-GE3 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
More results

Similar Description - SIC762CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com