Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC734CD9 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC734CD9
Description  Fast Switching MOSFETs With Integrated Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC734CD9 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC734CD9 Datasheet HTML 1Page - Vishay Siliconix SIC734CD9 Datasheet HTML 2Page - Vishay Siliconix SIC734CD9 Datasheet HTML 3Page - Vishay Siliconix SIC734CD9 Datasheet HTML 4Page - Vishay Siliconix SIC734CD9 Datasheet HTML 5Page - Vishay Siliconix SIC734CD9 Datasheet HTML 6Page - Vishay Siliconix SIC734CD9 Datasheet HTML 7Page - Vishay Siliconix SIC734CD9 Datasheet HTML 8Page - Vishay Siliconix SIC734CD9 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 73672
S-62656–Rev. C, 25-Dec-06
Vishay Siliconix
SiC734CD9
TIMING DIAGRAM
APPLICATION INFORMATIONa (25 °C, unless noted, LFM = 0)
Notes:
a. Experimental results using an evaluation board with a specific set of operating conditions.
Figure 2.
SHDN
PWM
SW
td(on)
td(off)
SYNC
HS MOSFET
Gate
LS MOSFET
Gate
Figure 3. Total Efficiency 12 VIN/1.3 VOUT
80
82
84
86
88
90
92
94
96
3
5
7
9
11
13
15
17
19
21
23
25
Output Current – (A)
700 kHz
500 kHz
300 kHz
Figure 4. Total Loss 12 VIN/1.3 VOUT
0
1
2
3
4
5
6
7
3
5
7
9
11
13
15
17
19
21
23
25
Output Current – (A)
300 kHz
500 kHz
700 kHz


Similar Part No. - SIC734CD9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIC73 ETC1-SIC73 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-100 ETC1-SIC73-100 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-101 ETC1-SIC73-101 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-102 ETC1-SIC73-102 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-120 ETC1-SIC73-120 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
More results

Similar Description - SIC734CD9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC714CD10 VISHAY-SIC714CD10 Datasheet
187Kb / 10P
   Fast Switching MOSFETs With Integrated Driver
Rev. C, 25-Dec-06
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
logo
KODENSHI_AUK CORP.
SNN3100L10B KODENSHI-SNN3100L10B Datasheet
440Kb / 8P
   100V Fast Switching MOSFETs
SNN3100L10Q KODENSHI-SNN3100L10Q Datasheet
455Kb / 8P
   100V Fast Switching MOSFETs
SNN1120L10Q KODENSHI-SNN1120L10Q Datasheet
456Kb / 8P
   100V Fast Switching MOSFETs
logo
Monolithic Power System...
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
   35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
logo
Infineon Technologies A...
TDA21201 INFINEON-TDA21201 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
logo
Monolithic Power System...
MP6504 MPS-MP6504 Datasheet
899Kb / 16P
   8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
   8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
   8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com