Electronic Components Datasheet Search |
|
MSP430F2419TPNR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
MSP430F2419TPNR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 107 page MSP430F241x, MSP430F261x MIXED SIGNAL MICROCONTROLLER SLAS541G -- JUNE 2007 -- REVISED MARCH 2011 11 POST OFFICE BOX 655303 DALLAS, TEXAS 75265 Terminal Functions (Continued) TERMINAL NO. I/O DESCRIPTION NAME 64 PIN 80 PIN 113 PIN I/O DESCRIPTION P3.6/UCA1TXD/ UCA1SIMO 34 34 M8 I/O General-purpose digital I/O pin/USCI A1 transmit data output in UART mode, slave data in/master out in SPI mode P3.7/UCA1RXD/ UCA1SOMI 35 35 L9 I/O General-purpose digital I/O pin/USCIA1 receive data input in UART mode, slave data out/master in in SPI mode P4.0/TB0 36 36 M9 I/O General-purpose digital I/O pin/Timer_B, capture: CCI0A/B input, compare: Out0 output P4.1/TB1 37 37 J9 I/O General-purpose digital I/O pin/Timer_B, capture: CCI1A/B input, compare: Out1 output P4.2/TB2 38 38 M10 I/O General-purpose digital I/O pin/Timer_B, capture: CCI2A/B input, compare: Out2 output P4.3/TB3 39 39 L10 I/O General-purpose digital I/O pin/Timer_B, capture: CCI3A/B input, compare: Out3 output P4.4/TB4 40 40 M11 I/O General-purpose digital I/O pin/Timer_B, capture: CCI4A/B input, compare: Out4 output P4.5/TB5 41 41 M12 I/O General-purpose digital I/O pin/Timer_B, capture: CCI5A/B input, compare: Out5 output P4.6/TB6 42 42 L12 I/O General-purpose digital I/O pin/Timer_B, capture: CCI6A input, compare: Out6 output P4.7/TBCLK 43 43 K11 I/O General-purpose digital I/O pin/Timer_B, clock signal TBCLK input P5.0/UCB1STE/ UCA1CLK 44 44 K12 I/O General-purpose digital I/O pin/USCI B1 slave transmit enable/USCI A1 clock input/output P5.1/UCB1SIMO/ UCB1SDA 45 45 J11 I/O General-purpose digital I/O pin/USCI B1slave in/master out in SPI mode, SDA I2C data in I2C mode P5.2/UCB1SOMI/ UCB1SCL 46 46 J12 I/O General-purpose digital I/O pin/USCI B1slave out/master in in SPI mode, SCL I2C clock in I2C mode P5.3/UCB1CLK/ UCA1STE 47 47 H11 I/O General-purpose digital I/O/USCI B1 clock input/output, USCI A1 slave transmit enable P5.4/MCLK 48 48 H12 I/O General-purpose digital I/O pin/main system clock MCLK output P5.5/SMCLK 49 49 G11 I/O General-purpose digital I/O pin/submain system clock SMCLK output P5.6/ACLK 50 50 G12 I/O General-purpose digital I/O pin/auxiliary clock ACLK output P5.7/TBOUTH/ SVSOUT 51 51 F11 I/O General-purpose digital I/O pin/switch all PWM digital output ports to high impedance -- Timer_B TB0 to TB6/SVS comparator output P6.0/A0 59 75 D4 I/O General-purpose digital I/O pin/analog input A0 – 12-bit ADC P6.1/A1 60 76 A4 I/O General-purpose digital I/O pin/analog input A1 – 12-bit ADC P6.2/A2 61 77 B4 I/O General-purpose digital I/O pin/analog input A2 – 12-bit ADC P6.3/A3 2 2 B1 I/O General-purpose digital I/O pin/analog input A3 – 12-bit ADC P6.4/A4 3 3 C1 I/O General-purpose digital I/O pin/analog input A4 – 12-bit ADC P6.5/A5/DAC1† 4 4 C2 C3 I/O General-purpose digital I/O pin/analog input A5 – 12-bit ADC/DAC12.1 output P6.6/A6/DAC0† 5 5 D1 I/O General-purpose digital I/O pin/analog input A6 – 12-bit ADC/DAC12.0 output P6.7/A7/DAC1†/ SVSIN 6 6 D2 I/O General-purpose digital I/O pin/analog input a7 – 12-bit ADC/DAC12.1 output/SVS input P7.0 54 E11 I/O General-purpose digital I/O pin P7.1 55 D12 I/O General-purpose digital I/O pin P7.2 56 D11 I/O General-purpose digital I/O pin P7.3 57 C12 I/O General-purpose digital I/O pin P7.4 58 C11 I/O General-purpose digital I/O pin P7.5 59 B12 I/O General-purpose digital I/O pin P7.6 60 A12 I/O General-purpose digital I/O pin P7.7 61 A11 I/O General-purpose digital I/O pin † MSP430F261x devices only |
Similar Part No. - MSP430F2419TPNR |
|
Similar Description - MSP430F2419TPNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |