Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56221
Description  4.5-V to 14-V Input High-Current Synchronous Buck Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56221 Datasheet(HTML) 2 Page - Texas Instruments

  TPS56221 Datasheet HTML 1Page - Texas Instruments TPS56221 Datasheet HTML 2Page - Texas Instruments TPS56221 Datasheet HTML 3Page - Texas Instruments TPS56221 Datasheet HTML 4Page - Texas Instruments TPS56221 Datasheet HTML 5Page - Texas Instruments TPS56221 Datasheet HTML 6Page - Texas Instruments TPS56221 Datasheet HTML 7Page - Texas Instruments TPS56221 Datasheet HTML 8Page - Texas Instruments TPS56221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS56221
SLUSAH5
– MARCH 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
MINIMUM QUANTITY
ORDERABLE
TA
PINS
TRANSPORT MEDIA
NUMBER
250
TPS56221DQPT
-40
°C to 150°C
Plastic QFN (DQP)
22
Tape-and-reel
2500
TPS56221DQPR
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
TYP
VDD, VIN
–0.3
16.5
V
SW
–3
25
SW (
< 100 ns pulse width, 10 µJ)
-5
Voltage Range
BOOT
–0.3
30
BOOT-SW (differential from BOOT to SW)
–0.3
7
COMP, PGOOD, FB, BP, EN/SS, ILIM
–0.3
7
(HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic discharge
(CBM) QSS 009-147 (JESD22-C101B.01)
1.5
Junction, TJ
–40
150
°C
Temperature
Storage, Tstg
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those included under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods of time may affect device reliability.
THERMAL INFORMATION
TPS56221
THERMAL METRIC(1)
PQFN
UNITS
22 PINS
θJA
Junction-to-ambient thermal resistance
34.6
θJCtop
Junction-to-case (top) thermal resistance
22.9
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
5.0
θJCbot
Junction-to-case (bottom) thermal resistance
0.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX UNIT
VDD
VIN Input voltage
4.5
14
V
TJ
Operating junction temperature
–40
125
°C
2
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS56221


Similar Part No. - TPS56221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562210 TI1-TPS562210 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210ADDFR TI1-TPS562210ADDFR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210ADDFT TI1-TPS562210ADDFT Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210DDFR TI1-TPS562210DDFR Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results

Similar Description - TPS56221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com