Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC414DB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC414DB
Description  microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC414DB Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC414DB Datasheet HTML 1Page - Vishay Siliconix SIC414DB Datasheet HTML 2Page - Vishay Siliconix SIC414DB Datasheet HTML 3Page - Vishay Siliconix SIC414DB Datasheet HTML 4Page - Vishay Siliconix SIC414DB Datasheet HTML 5Page - Vishay Siliconix SIC414DB Datasheet HTML 6Page - Vishay Siliconix SIC414DB Datasheet HTML 7Page - Vishay Siliconix SIC414DB Datasheet HTML 8Page - Vishay Siliconix SIC414DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.vishay.com
4
Document Number: 63388
S13-0248-Rev. B, 04-Feb-13
Vishay Siliconix
SiC414, SiC424
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Note:
For proper operation, the device should be used within the recommended conditions.
RECOMMENDED OPERATING RANGE (all voltages referenced to GND = 0 V)
Parameter
Min.
Typ.
Max.
Unit
VIN
328
V
V5V to PGND
35.5
VOUT to PGND
0.75
5.5
Temperature
Recommended Ambient Temperature
- 40 to 85
°C
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 12 V, V5V = 5 V, TA = + 25 °C for typ.,
- 40 °C to + 85 °C for min. and max.,
TJ = < 125 °C
Min.
Typ.
Max.
Unit
Input Supplies
VIN UVLO Threshold Voltage
a
(not available for V5V < 4.5 V)
VUVLO
Sensed at ENL pin, rising edge
2.4
2.6
2.95
V
Sensed at ENL pin, falling edge
2.23
2.4
2.57
VIN UVLO Hysteresis
VUVLO_HYS
0.2
V5V UVLO Threshold Voltage
VUVLO
Measured at VDD pin, rising edge
2.5
2.9
3.0
Measured at VDD pin, falling edge
2.4
2.7
2.9
VDD UVLO Hysteresis
VUVLO_HYS
0.2
VIN Supply Current
IIN
EN/PSV, ENL = 0 V, VIN = 28 V
8.5
20
µA
Standby mode:
ENL = V5V, EN/PSV = 0 V
130
V5V Supply Current
IDD
EN/PSV, ENL = 0 V, V5V = 5 V
3
7
EN/PSV, ENL = 0 V, V5V = 3 V
2
SiC414, EN/PSV = V5V, no load,
(fsw = 25 kHz), VFB > 0.75 V
b
1
mA
SiC424, EN/PSV = V5V, no load,
VFB > 0.75 V
b
0.4
V5V = 5 V, fsw = 250 kHz,
EN/PSV = floating, no loadb
4
V5V = 5 V, fsw = 250 kHz,
EN/PSV = floating, no loadb
2.5
Controller
FB Comparator Threshold
VFB
Static VIN and load, - 40 °C to + 85 °C,
V5V = 3 V or 5 V
0.7425
0.750
0.7575
V
Frequency Rangeb
fsw
Continuous mode
200
1000
kHz
Minimum fSW, (SiC414 only),
EN/PSV= V5V, no load
25
Bootstrap Switch Resistance
10
Timing
On-Time
tON
Continuous mode operation VIN = 15 V,
VOUT = 3 V, fSW = 300 kHz, Rton = 133 k
1350
1500
1650
ns
Minimum On-Timeb
tON, min.
80
Minimum Off-Timeb
tOFF, min.
V5V = 5 V
320
V5V = 3 V
390
Soft Start
Soft Start Timeb
tSS
1.7
ms
Analog Inputs/Outputs
VOUT Input Resistance
RO-IN
500
k
Current Sense
Zero-Crossing Detector Threshold Voltage
VSense-th
LX-PGND
- 3
0
+ 3
mV


Similar Part No. - SIC414DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC414DB VISHAY-SIC414DB Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC414DB VISHAY-SIC414DB Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
More results

Similar Description - SIC414DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC424 VISHAY-SIC424_V01 Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com