Electronic Components Datasheet Search |
|
ISO3088DWR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
ISO3088DWR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 20 page ISO3080, ISO3086 ISO3082, ISO3088 SLOS581D – MAY 2008 – REVISED JANUARY 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ABSOLUTE MAXIMUM RATINGS (1) VALUE UNIT VCC Input supply voltage, (2) VCC1, VCC2 –0.3 to 6 V VO Voltage at any bus I/O terminal –9 to 14 V VIT Voltage input, transient pulse, A, B, Y, and Z (through 100 Ω, see Figure 11) –50 to 50 V VI Voltage input at any D, DE or RE terminal –0.5 to 7 V IO Receiver output current ±10 mA Bus pins and GND1 ±6 JEDEC Standard 22, Human Body Model Bus pins and GND2 ±16 kV Test Method A114-C.01 All pins ±4 Electrostatic ESD discharge JEDEC Standard 22, Charged Device ±1 kV Model Test Method C101 All pins Machine Model ANSI/ESDS5.2-1996 ±200 V TJ Maximum junction temperature 150 °C TSTG Operating junction temperature –65 to 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values RECOMMENDED OPERATING CONDITIONS MIN TYP MAX UNIT VCC1 Logic-side supply voltage (1) 3.15 5.5 V VCC2 Bus-side supply voltage(1) 4.5 5 5.5 V VOC Voltage at either bus I/O terminal A, B –7 12 V VIH High-level input voltage 2 VCC D, DE, RE V VIL Low-level input voltage 0 0.8 A with respect to B –12 12 VID Differential input voltage V Dynamic (ISO3086) see Figure 14 RL Differential input resistance 54 60 Ω Driver –60 60 IO Output current mA Receiver –8 8 TJ Operating junction temperature –40 85 °C (1) For 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. For 3.3-V operation, VCC1 is specified from 3.15 V to 3.6V. SUPPLY CURRENT over recommended operating condition (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RE at 0 V or VCC, DE at 0 V or VCC1 3.3-V VCC1 8 ICC1 Logic-side supply current mA RE at 0 V or VCC, DE at 0 V or VCC1 5-V VCC1 10 ICC2 Bus-side supply current RE at 0 V or VCC, DE at 0 V, No load 15 mA 2 Submit Documentation Feedback Copyright © 2008–2011, Texas Instruments Incorporated Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088 |
Similar Part No. - ISO3088DWR |
|
Similar Description - ISO3088DWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |