Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA365AIDBVTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365AIDBVTG4
Description  50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365AIDBVTG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA365AIDBVTG4 Datasheet HTML 1Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 2Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 3Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 4Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 5Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 6Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 7Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 8Page - Texas Instruments OPA365AIDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FEATURES
D GAIN BANDWIDTH: 50MHz
D ZERO−CROSSOVER DISTORTION TOPOLOGY:
− Excellent THD+N: 0.0004%
− CMRR: 100dB (min)
− Rail-to-Rail Input and Output
− Input 100mV Beyond Supply Rail
D LOW NOISE: 4.5nV//Hz at 100kHz
D SLEW RATE: 25V/µs
D FAST SETTLING: 0.3µs to 0.01%
D PRECISION:
− Low Offset: 100
µV
− Low Input Bias Current: 0.2pA
D 2.2V TO 5.5V OPERATION
APPLICATIONS
D SIGNAL CONDITIONING
D DATA ACQUISITION
D PROCESS CONTROL
D ACTIVE FILTERS
D TEST EQUIPMENT
D AUDIO
D WIDEBAND AMPLIFIERS
DESCRIPTION
The OPAx365 zer
-crossover series, rail-to-rail, high-
performance, CMOS operational amplifiers are opti-
mized for very low voltage, single-supply applications.
Rail-to-rail input/output, low-noise (4.5nV/
√Hz) and
high-speed operation (50MHz Gain Bandwidth) make
these devices ideal for driving sampling analog-to-digi-
tal converters (ADCs). Applications incude audio, sig-
nal conditioning, and sensor amplification. The OPA365
family of op amps are also well-suited for cell phone
power amplifier control loops.
Special features include an excellent common-mode
rejection ratio (CMRR), no input stage crossover distor-
tion, high input impedance, and rail-to-rail input and out-
put swing. The input common-mode range includes
both the negative and positive supplies. The output volt-
age swing is within 10mV of the rails.
The OPA365 (single version) is available in the micro-
SIZE SOT23-5 and SO-8 packages. The OPA2365
(dual version) is offered in the SO-8 package. All ver-
sions are specified for operation from −40
°C to +125°C.
Single and dual versions have identical specifications
for maximum design flexibility.
Fast Settling Peak Detector
V
IN
V
OUT
C
2
2.2pF
R
2
2k
SD1
BAT17
C
1
10nF
R
1
7.5
V
V
+
U1
U2
V
V
+
OPA365
OPA365
OPA365
OPA2365
SBOS365D − JUNE 2006 − REVISED JUNE 2009
50MHz, Low-Distortion, High CMRR,
RRI/O, Single-Supply
OPERATIONAL AMPLIFIER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2006−2009, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA365AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA365AIDBVTG4 BURR-BROWN-OPA365AIDBVTG4 Datasheet
292Kb / 16P
   2.2V, 50MHz, Low-Noise, Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA365AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV365-Q1 TI-TLV365-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV365-Q1 Automotive, 50-MHz, Zero-Crossover, Low-Distortion, High-CMRR, RRI/O, Single-Supply Operational Amplifier
JUNE 2023
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com