Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2365AIDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2365AIDRG4
Description  50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2365AIDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2365AIDRG4 Datasheet HTML 4Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 5Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 6Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 7Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 8Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 9Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 10Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 11Page - Texas Instruments OPA2365AIDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OPA365
OPA2365
SBOS365D − JUNE 2006 − REVISED JUNE 2009
www.ti.com
8
APPLICATIONS INFORMATION
OPERATING CHARACTERISTICS
The OPA365 amplifier parameters are fully specified
from +2.2V to +5.5V. Many of the specifications apply
from −40
°C to +125°C. Parameters that can exhibit sig-
nificant variance with regard to operating voltage or
temperature are presented in the Typical Characteris-
tics.
GENERAL LAYOUT GUIDELINES
The OPA365 is a wideband amplifier. To realize the full
operational performance of the device, good high-fre-
quency printed circuit board (PCB) layout practices are
required. Low-loss, 0.1
µF bypass capacitors must be
connected between each supply pin and ground as
close to the device as possible. The bypass capacitor
traces should be designed for minimum inductance.
BASIC AMPLIFIER CONFIGURATIONS
As with other single-supply op amps, the OPA365 may
be operated with either a single supply or dual supplies.
A typical dual-supply connection is shown in Figure 1,
which is accompanied by a single-supply connection.
The OPA365 is configured as a basic inverting amplifier
with a gain of −10V/V. The dual-supply connection has
an output voltage centered on zero, while the single−
supply connection has an output centered on the com-
mon-mode voltage VCM. For the circuit shown, this volt-
age is 1.5V, but may be any value within the common-
mode input voltage range. The OPA365 VCM range
extends 100mV beyond the power-supply rails.
−1.5V
V
C
1
100nF
C
1
100nF
C
2
100nF
R
2
10k
R
2
10k
R
1
1k
R
1
1k
V+
+1.5V
V
OUT
V
IN
a) Dual Supply Connection
V
V+
+3V
V
OUT
V
IN
V
CM =1.5V
b) Single−Supply Connection
OPA365
OPA365
Figure 1. Basic Circuit Connections


Similar Part No. - OPA2365AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2365AQDRQ1 TI1-OPA2365AQDRQ1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results

Similar Description - OPA2365AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV365-Q1 TI-TLV365-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV365-Q1 Automotive, 50-MHz, Zero-Crossover, Low-Distortion, High-CMRR, RRI/O, Single-Supply Operational Amplifier
JUNE 2023
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com