Electronic Components Datasheet Search |
|
TPD2E007 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPD2E007 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 10 page A1 B1 A2 B2 GND IO1 IO2 GND IO1 1 IO2 2 3 GND TPD2E007 www.ti.com SLVS796E – SEPTEMBER 2008 – REVISED AUGUST 2010 2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES Check for Samples: TPD2E007 1 FEATURES YFMG4 PACKAGE 2 • ESD Protection Exceeds IEC61000-4-2 (BOTTOM VIEW) (Level 4) – ±15-kV Human-Body Model (HBM) – ±8-kV IEC 61000-4-2 Contact Discharge – ±15-kV IEC 61000-4-2 Air-Gap Discharge • 4.5-A Peak Pulse Current (8/20 ms Pulse) 0.8 mm × 0.8 mm (0.4 mm pitch) • 15-pF Line to GND Capacitance • Low 50-nA Leakage Current YFMG4 PIN DESCRIPTIONS • 2-Channel Device TERMINAL DESCRIPTION • Space-Saving PicoStar™ and DCK Package NAME NO. IO A1, A2 ESD-protection channel APPLICATIONS GND B1, B2 Ground • Cell Phones, PDAs • Audio Interface Connections • Consumer Electronics (DVR, Set-Top Box, TV) • Industrial Interface (RS-232, RS-485, RS-422, LVDS) DCK PACKAGE (TOP VIEW) DESCRIPTION/ORDERING INFORMATION This device is an application-specific integrated parts (ASIP) designed to offer system level ESD solutions for wide range of portable and industrial applications. The back-to-back diode array allows AC-coupled or negative-going data transmission (audio interface, LVDS, RS-485, RS-232, etc.) without compromising signal integrity. The PicoStar™ package is intended to be embedded inside the printed circuit board which saves board space in portable applications. This device exceeds the IEC61000-4-2 (Level 4) ESD protection and suitable to provide system level ESD protection for the valuable internal ICs while placed near the connector. The TPD2E007 is offered in a 4-bump PicoStar™ and 3-pin DCK packages. The PicoStar™ package (YFMG4), with only 0.15 mm (Max) package height, is recommended for ultra space saving application where the package height is a key concern. The PicoStar™ package can be used in either embedded PCB board applications or in surface mount applications. The industry standard DCK package offers straightforward board layout option in legacy designs. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PicoStar is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2008–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - TPD2E007 |
|
Similar Description - TPD2E007 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |