Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2365AID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2365AID
Description  50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2365AID Datasheet(HTML) 5 Page - Texas Instruments

  OPA2365AID Datasheet HTML 1Page - Texas Instruments OPA2365AID Datasheet HTML 2Page - Texas Instruments OPA2365AID Datasheet HTML 3Page - Texas Instruments OPA2365AID Datasheet HTML 4Page - Texas Instruments OPA2365AID Datasheet HTML 5Page - Texas Instruments OPA2365AID Datasheet HTML 6Page - Texas Instruments OPA2365AID Datasheet HTML 7Page - Texas Instruments OPA2365AID Datasheet HTML 8Page - Texas Instruments OPA2365AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
OPA365
OPA2365
SBOS365D − JUNE 2006 − REVISED JUNE 2009
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, and CL = 0pF, unless otherwise noted.
OPA365 OUTPUT VOLTAGE
vs OUTPUT CURRENT
3
2
1
0
−1
−2
−3
10
0
Output Current (mA)
100
20
30
40
50
60
70
80
90
+125
_C
+25
_C
−40_C
−40_C
+125
_C
+25
_C
V
S = ±1.1V
V
S = ±2.75V
OPA2365 OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
3
2
1
0
−1
−2
−3
10
0
Output Current (mA)
100
20
30
40
50
60
70
80
90
+125
_C +25_C −40_C
−40_C
+125
_C
+25
_C
V
S = ±1.1V
V
S = ±2.75V
SHORT−CIRCUIT CURRENT vs TEMPERATURE
70
60
50
40
30
20
10
0
−10
−20
−30
−40
−50
−60
−70
−80
−25
−50
Temperature (
_C)
125
025
50
75
100
Dual
V
S = ± 2.75V
Single
QUIESCENT CURRENT vs SUPPLY VOLTAGE
4.75
4.50
4.25
4.00
3.75
2.5
2.2
Supply Voltage (V)
5.5
3.0
3.5
4.0
4.5
5.0
QUIESCENT CURRENT vs TEMPERATURE
4.80
4.74
4.68
4.62
4.56
4.50
−25
−50
Temperature (
_C)
125
025
50
75
100
0.1Hz to 10Hz
INPUT VOLTAGE NOISE
1s/div


Similar Part No. - OPA2365AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2365AQDRQ1 TI1-OPA2365AQDRQ1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results

Similar Description - OPA2365AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV365-Q1 TI-TLV365-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV365-Q1 Automotive, 50-MHz, Zero-Crossover, Low-Distortion, High-CMRR, RRI/O, Single-Supply Operational Amplifier
JUNE 2023
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com