Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F261X Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430F261X
Description  MIXED SIGNAL MICROCONTROLLER
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F261X Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F261X Datasheet HTML 4Page - Texas Instruments MSP430F261X Datasheet HTML 5Page - Texas Instruments MSP430F261X Datasheet HTML 6Page - Texas Instruments MSP430F261X Datasheet HTML 7Page - Texas Instruments MSP430F261X Datasheet HTML 8Page - Texas Instruments MSP430F261X Datasheet HTML 9Page - Texas Instruments MSP430F261X Datasheet HTML 10Page - Texas Instruments MSP430F261X Datasheet HTML 11Page - Texas Instruments MSP430F261X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
MSP430F241x, MSP430F261x
MIXED SIGNAL MICROCONTROLLER
SLAS541G -- JUNE 2007 -- REVISED MARCH 2011
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram, MSP430F241x, 80-pin PN package
Oscillators
Basic Clock
System+
Brownout
Protection
SVS,
SVM
RST/NMI
DVCC1/2 DVSS1/2
MCLK
Watchdog
WDT+
15-Bit
Timer_A3
3 CC
Registers
16MHz
CPU
1MB
incl. 16
Registers
Emulation
JTAG
Interface
Ports
P1/P2
2x8 I/O
Interrupt
capability
USCI A1
UART/
LIN,
IrDA, SPI
USCI B1
SPI, I2C
Comp_A+
8
Channels
Hardware
Multiplier
MPY,
MPYS,
MAC,
MACS
Timer_B7
7 CC
Registers,
Shadow
Reg
ADC12
12-Bit
8
Channels
Ports
P3/P4
P5/P6
4x8 I/O
AVCC
AVSS
P1.x/P2.x
2x8
P3.x/P4.x
P5.x/P6.x
4x8
SMCLK
ACLK
MDB
MAB
XIN/
XT2IN
2
2
XOUT/
XT2OUT
RAM
4kB
8kB
8kB
4kB
Flash
120kB
116kB
92kB
92kB
Ports
P7/P8
2x8/1x16
I/O
P7.x/P8.x
2x8/
1x16
USCI A0
UART/
LIN,
IrDA, SPI
USCI B0
SPI, I2C
functional block diagram, MSP430F241x, 64-pin PM package
Oscillators
Basic Clock
System+
RAM
4kB
8kB
8kB
4kB
Brownout
Protection
SVS,
SVM
RST/NMI
DVCC
DVSS
MCLK
Watchdog
WDT+
15-Bit
Timer_A3
3 CC
Registers
16MHz
CPU
1MB
incl. 16
Registers
Emulation
XOUT/
XT2OUT
JTAG
Interface
Ports
P1/P2
2x8 I/O
Interrupt
capability
Comp_A+
8
Channels
Flash
120kB
116kB
92kB
92kB
Hardware
Multiplier
MPY,
MPYS,
MAC,
MACS
Timer_B7
7 CC
Registers,
Shadow
Reg
ADC12
12-Bit
8
Channels
Ports
P3/P4
P5/P6
4x8 I/O
AVCC
AVSS
P1.x/P2.x
2x8
P3.x/P4.x
P5.x/P6.x
4x8
SMCLK
ACLK
MDB
MAB
XIN/
XT2IN
2
2
USCI A1
UART/
LIN,
IrDA, SPI
USCI B1
SPI, I2C
USCI A0
UART/
LIN,
IrDA, SPI
USCI B0
SPI, I2C


Similar Part No. - MSP430F261X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F261X TI-MSP430F261X Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F261X TI1-MSP430F261X Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F261X TI1-MSP430F261X Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F261X TI1-MSP430F261X Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
MSP430F261X TI1-MSP430F261X_14 Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F261X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com