Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F241X Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430F241X
Description  MIXED SIGNAL MICROCONTROLLER
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F241X Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F241X Datasheet HTML 7Page - Texas Instruments MSP430F241X Datasheet HTML 8Page - Texas Instruments MSP430F241X Datasheet HTML 9Page - Texas Instruments MSP430F241X Datasheet HTML 10Page - Texas Instruments MSP430F241X Datasheet HTML 11Page - Texas Instruments MSP430F241X Datasheet HTML 12Page - Texas Instruments MSP430F241X Datasheet HTML 13Page - Texas Instruments MSP430F241X Datasheet HTML 14Page - Texas Instruments MSP430F241X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
MSP430F241x, MSP430F261x
MIXED SIGNAL MICROCONTROLLER
SLAS541G -- JUNE 2007 -- REVISED MARCH 2011
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
64
PIN
80
PIN
113
PIN
I/O
DESCRIPTION
P3.6/UCA1TXD/
UCA1SIMO
34
34
M8
I/O
General-purpose digital I/O pin/USCI A1 transmit data output in UART mode, slave data
in/master out in SPI mode
P3.7/UCA1RXD/
UCA1SOMI
35
35
L9
I/O
General-purpose digital I/O pin/USCIA1 receive data input in UART mode, slave data
out/master in in SPI mode
P4.0/TB0
36
36
M9
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI0A/B input, compare: Out0 output
P4.1/TB1
37
37
J9
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI1A/B input, compare: Out1 output
P4.2/TB2
38
38
M10
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI2A/B input, compare: Out2 output
P4.3/TB3
39
39
L10
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI3A/B input, compare: Out3 output
P4.4/TB4
40
40
M11
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI4A/B input, compare: Out4 output
P4.5/TB5
41
41
M12
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI5A/B input, compare: Out5 output
P4.6/TB6
42
42
L12
I/O
General-purpose digital I/O pin/Timer_B, capture: CCI6A input, compare: Out6 output
P4.7/TBCLK
43
43
K11
I/O
General-purpose digital I/O pin/Timer_B, clock signal TBCLK input
P5.0/UCB1STE/
UCA1CLK
44
44
K12
I/O
General-purpose digital I/O pin/USCI B1 slave transmit enable/USCI A1 clock input/output
P5.1/UCB1SIMO/
UCB1SDA
45
45
J11
I/O
General-purpose digital I/O pin/USCI B1slave in/master out in SPI mode, SDA I2C data in
I2C mode
P5.2/UCB1SOMI/
UCB1SCL
46
46
J12
I/O
General-purpose digital I/O pin/USCI B1slave out/master in in SPI mode, SCL I2C clock in
I2C mode
P5.3/UCB1CLK/
UCA1STE
47
47
H11
I/O
General-purpose digital I/O/USCI B1 clock input/output, USCI A1 slave transmit enable
P5.4/MCLK
48
48
H12
I/O
General-purpose digital I/O pin/main system clock MCLK output
P5.5/SMCLK
49
49
G11
I/O
General-purpose digital I/O pin/submain system clock SMCLK output
P5.6/ACLK
50
50
G12
I/O
General-purpose digital I/O pin/auxiliary clock ACLK output
P5.7/TBOUTH/
SVSOUT
51
51
F11
I/O
General-purpose digital I/O pin/switch all PWM digital output ports to high impedance --
Timer_B TB0 to TB6/SVS comparator output
P6.0/A0
59
75
D4
I/O
General-purpose digital I/O pin/analog input A0 – 12-bit ADC
P6.1/A1
60
76
A4
I/O
General-purpose digital I/O pin/analog input A1 – 12-bit ADC
P6.2/A2
61
77
B4
I/O
General-purpose digital I/O pin/analog input A2 – 12-bit ADC
P6.3/A3
2
2
B1
I/O
General-purpose digital I/O pin/analog input A3 – 12-bit ADC
P6.4/A4
3
3
C1
I/O
General-purpose digital I/O pin/analog input A4 – 12-bit ADC
P6.5/A5/DAC1
4
4
C2
C3
I/O
General-purpose digital I/O pin/analog input A5 – 12-bit ADC/DAC12.1 output
P6.6/A6/DAC0
5
5
D1
I/O
General-purpose digital I/O pin/analog input A6 – 12-bit ADC/DAC12.0 output
P6.7/A7/DAC1/
SVSIN
6
6
D2
I/O
General-purpose digital I/O pin/analog input a7 – 12-bit ADC/DAC12.1 output/SVS input
P7.0
54
E11
I/O
General-purpose digital I/O pin
P7.1
55
D12
I/O
General-purpose digital I/O pin
P7.2
56
D11
I/O
General-purpose digital I/O pin
P7.3
57
C12
I/O
General-purpose digital I/O pin
P7.4
58
C11
I/O
General-purpose digital I/O pin
P7.5
59
B12
I/O
General-purpose digital I/O pin
P7.6
60
A12
I/O
General-purpose digital I/O pin
P7.7
61
A11
I/O
General-purpose digital I/O pin
MSP430F261x devices only


Similar Part No. - MSP430F241X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F241X TI-MSP430F241X Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI-MSP430F241X Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI1-MSP430F241X Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI1-MSP430F241X Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI1-MSP430F241X Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F241X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com