Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB408DK-T1-GE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIB408DK-T1-GE3
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB408DK-T1-GE3 Datasheet(HTML) 7 Page - Vishay Siliconix

  SIB408DK-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIB408DK-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Siliconix
Package Information
Document Number: 73000
06-Aug-07
www.vishay.com
1
PowerPAK® SC75-6L
DIM
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
A
0.675
0.75
0.80
0.027
0.030
0.032
0.675
0.75
0.80
0.027
0.030
0.032
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
b
0.18
0.25
0.33
0.007
0.010
0.013
0.18
0.25
0.33
0.007
0.010
0.013
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.53
1.60
1.70
0.060
0.063
0.067
1.53
1.60
1.70
0.060
0.063
0.067
D1
0.57
0.67
0.77
0.022
0.026
0.030
0.34
0.44
0.54
0.013
0.017
0.021
D2
0.10
0.20
0.30
0.004
0.008
0.012
E
1.53
1.60
1.70
0.060
0.063
0.067
1.53
1.60
1.70
0.060
0.063
0.067
E1
1.00
1.10
1.20
0.039
0.043
0.047
0.51
0.61
0.71
0.020
0.024
0.028
E2
0.20
0.25
0.30
0.008
0.010
0.012
E3
0.32
0.37
0.42
0.013
0.015
0.017
e
0.50 BSC
0.020 BSC
0.50 BSC
0.020 BSC
K
0.180 TYP
0.007 TYP
0.245 TYP
0.010 TYP
K1
0.275 TYP
0.011 TYP
0.320 TYP
0.013 TYP
K2
0.200 TYP
0.008 TYP
0.200 BSC
0.008 TYP
K3
0.255 TYP
0.010 TYP
K4
0.300 TYP
0.012 TYP
L
0.15
0.25
0.35
0.006
0.010
0.014
0.15
0.25
0.35
0.006
0.010
0.014
T
0.03
0.08
0.13
0.001
0.003
0.005
ECN: C-07431
− Rev. C, 06-Aug-07
DWG: 5935
BACKSIDE VIEW OF SINGLE
BACKSIDE VIEW OF DUAL
Notes:
1. All dimensions are in millimeters
2. Package outline exclusive of mold flash and metal burr
3. Package outline inclusive of plating
e
b
e
b
K1
K2
K3
K2
K1
K2
K2
PIN6
PIN5
PIN4
D1
D2
D1
D1
PIN6
PIN5
PIN4
PIN1
PIN2
PIN3
DETAIL Z
DA
A1
Z
z
PIN2
PIN1
PIN3


Similar Part No. - SIB408DK-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIB408DK TFUNK-SIB408DK Datasheet
230Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SIB408DK-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com