Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB406EDK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIB406EDK
Description  N-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB406EDK Datasheet(HTML) 3 Page - Vishay Siliconix

  SIB406EDK Datasheet HTML 1Page - Vishay Siliconix SIB406EDK Datasheet HTML 2Page - Vishay Siliconix SIB406EDK Datasheet HTML 3Page - Vishay Siliconix SIB406EDK Datasheet HTML 4Page - Vishay Siliconix SIB406EDK Datasheet HTML 5Page - Vishay Siliconix SIB406EDK Datasheet HTML 6Page - Vishay Siliconix SIB406EDK Datasheet HTML 7Page - Vishay Siliconix SIB406EDK Datasheet HTML 8Page - Vishay Siliconix SIB406EDK Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 69088
S-83095-Rev. A, 29-Dec-08
www.vishay.com
3
Vishay Siliconix
SiB406EDK
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
0
1
2
3
4
0369
12
15
18
VGS - Gate-to-Source Voltage (V)
IGSS at 25 °C
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =5thru 3 V
VGS =1.5 V
VGS =2 V
VGS =2.5 V
VDS - Drain-to-Source Voltage (V)
0.00
0.03
0.06
0.09
0.12
0
369
12
15
VGS =4.5 V
VGS =2.5 V
ID - Drain Current (A)
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
VGS - Gate-to-Source Voltage (V)
10-10
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
0
3
6
9
12
15
18
TJ = 150 °C
TJ = 25 °C
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
TC = 25 °C
TC = 125 °C
VGS - Gate-to-Source Voltage (V)
TC = - 55 °C
0
100
200
300
400
500
024
6
8
10
12
14
16
18
20
Ciss
Coss
Crss
VDS - Drain-to-Source Voltage (V)


Similar Part No. - SIB406EDK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB406EDK VISHAY-SIB406EDK Datasheet
250Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIB406EDK-T1-GE3 VISHAY-SIB406EDK-T1-GE3 Datasheet
250Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIB406EDK VISHAY-SIB406EDK_V01 Datasheet
250Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIB406EDK

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com