Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA975DJ-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIA975DJ-T1-GE3
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA975DJ-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIA975DJ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA975DJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 65710
S10-0213-Rev. A, 25-Jan-10
www.vishay.com
3
Vishay Siliconix
SiA975DJ
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3
6
9
12
15
V
DS - Drain-to-Source Voltage (V)
2 V
1 V
1.5 V
VGS = 5 V thru 2.5 V
0.02
0369
12
15
0.04
0.08
0.12
0.16
0.06
0.10
0.14
I
D - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
VGS = 1.8 V
0
3
6
9
12
15
18
Q
g - Total Gate Charge
0
2
4
6
8
VDS = 9.6 V
VDS = 3 V
VDS = 6 V
ID = 5.6 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
0
0.5
1.0
1.5
2.0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
0
0369
12
300
600
900
1200
1500
V
DS - Drain-to-Source Voltage (V)
C
oss
C
rss
C
iss
0.7
- 50
- 25
25
75
125
0
50
100
150
0.8
1.0
1.1
0.9
1.3
1.4
1.2
T
J - Junction Temperature (°C)
VGS = 1.8 V
ID = 1.5 A
VGS = 4.5 V, 2.5 V
ID = 4.3 A


Similar Part No. - SIA975DJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA975DJ-T1-GE3 VISHAY-SIA975DJ-T1-GE3 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA975DJ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com