Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCH010505S Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DCH010505S
Description  MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCH010505S Datasheet(HTML) 3 Page - Texas Instruments

  DCH010505S Datasheet HTML 1Page - Texas Instruments DCH010505S Datasheet HTML 2Page - Texas Instruments DCH010505S Datasheet HTML 3Page - Texas Instruments DCH010505S Datasheet HTML 4Page - Texas Instruments DCH010505S Datasheet HTML 5Page - Texas Instruments DCH010505S Datasheet HTML 6Page - Texas Instruments DCH010505S Datasheet HTML 7Page - Texas Instruments DCH010505S Datasheet HTML 8Page - Texas Instruments DCH010505S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER DEVICE
DCH01 Series
www.ti.com........................................................................................................................................... SBVS073H – NOVEMBER 2006 – REVISED JANUARY 2009
At TA = +25°C, VI = 5V unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Power
100% full load
1(1)
W
Over current duration(1)
1
sec
INPUT
Voltage range on VI
–10
10
%
ISOLATION
Voltage
100% tested for 1 second
3.5
kVDC
LINE
Regulation
1% change in VI
1%
SWITCHING
Switching frequency (fSW)
70
kHz
RELIABILITY
Single Output
18
Calculated
Per Telcordia SR-332; 50% stress; TA = +40C
FITS
Dual Output
22
TEMPERATURE RANGE
Operating
–40
+85
°C
(1)
This converter does not have continuous over-current protection.
At TA = +25°C, VI = 5V unless otherwise noted.
NO LOAD
INPUT
OUTPUT
LOAD
OUTPUT
INPUT
BARRIER
VOLTAGE
VOLTAGE
REGULATION
RIPPLE(1)
CURRENT
EFFICIENCY
CAPACITANCE
(V)
(V)
(%)
(mVPP)
(mA)
(%)
(pF)
VI
VNOM
IQ
CISO
10% TO 100%
NOMINAL
100% LOAD(2)
LOAD(3)
100% LOAD(2)
0% LOAD
100% LOAD(2)
PRODUCT
TYP
TYP
TYP
TYP
TYP
TYP
TYP
DCH010505S
5
5.1
10
35
60
72
3
DCH010505D
5
±5.2
9
20
60
72
3
DCH010512S
5
12.4
6
18
65
74
4
DCH010512D
5
±12.5
5
19
65
75
4
DCH010515S
5
15.2
6
31
65
75
3
DCH010515D
5
±15.3
5
22
65
76
3
(1)
20MHz bandwidth.
(2)
100% load current = 1W/VNOM typ.
(3)
Load Regulation = (VO at 10% load - VO at 100% load) / VO at 100% load.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DCH01 Series


Similar Part No. - DCH010505S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH010505S TI-DCH010505S Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505S TI1-DCH010505S Datasheet
410Kb / 16P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505SN7 TI-DCH010505SN7 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505SN7T TI-DCH010505SN7T Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCH010505S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCH010505S TI1-DCH010505S Datasheet
410Kb / 16P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com