Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2540F256 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2540F256
Description  2.4-GHz Bluetooth low energy System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2540F256 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2540F256 Datasheet HTML 4Page - Texas Instruments CC2540F256 Datasheet HTML 5Page - Texas Instruments CC2540F256 Datasheet HTML 6Page - Texas Instruments CC2540F256 Datasheet HTML 7Page - Texas Instruments CC2540F256 Datasheet HTML 8Page - Texas Instruments CC2540F256 Datasheet HTML 9Page - Texas Instruments CC2540F256 Datasheet HTML 10Page - Texas Instruments CC2540F256 Datasheet HTML 11Page - Texas Instruments CC2540F256 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CC2540F128, CC2540F256
SWRS084B
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
16-MHz RC OSCILLATOR
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency(1)
16
MHz
Uncalibrated frequency accuracy
±18%
Calibrated frequency accuracy
±0.6%
Start-up time
10
μs
Initial calibration time(2)
50
μs
(1)
The calibrated 16-MHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 2.
(2)
When the 16-MHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator
is performed while SLEEPCMD.OSC_PD is set to 0.
RSSI CHARACTERISTICS
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-gain mode
–99 to –44
Useful RSSI range(1)
dBm
Standard mode
–90 to –35
Absolute uncalibrated RSSI accuracy(1)
High-gain mode
±4
dB
Step size (LSB value)
1
dB
(1)
Assuming CC2540 EM reference design. Other RF designs give an offset from the reported value.
FREQUENCY SYNTHESIZER CHARACTERISTICS
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At
±1-MHz offset from carrier
–109
Phase noise, unmodulated
At
±3-MHz offset from carrier
–112
dBc/Hz
carrier
At
±5-MHz offset from carrier
–119
ANALOG TEMPERATURE SENSOR
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output
1480
12-bit
Temperature coefficient
4.5
mv/
°C
Voltage coefficient
1
/ 0.1 V
Measured using integrated ADC, internal band-gap voltage
reference, and maximum resolution
Initial accuracy without calibration
±10
°C
Accuracy using 1-point calibration
±5
°C
Current consumption when enabled
0.5
mA
8
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - CC2540F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F256 TI1-CC2540F256 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F256 TI-CC2540F256 Datasheet
928Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F256 TI1-CC2540F256 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F256 TI1-CC2540F256 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F256RHAR TI1-CC2540F256RHAR Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results

Similar Description - CC2540F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com