Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1203B Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC1203B
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1203B Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1203B Datasheet HTML 3Page - Texas Instruments AMC1203B Datasheet HTML 4Page - Texas Instruments AMC1203B Datasheet HTML 5Page - Texas Instruments AMC1203B Datasheet HTML 6Page - Texas Instruments AMC1203B Datasheet HTML 7Page - Texas Instruments AMC1203B Datasheet HTML 8Page - Texas Instruments AMC1203B Datasheet HTML 9Page - Texas Instruments AMC1203B Datasheet HTML 10Page - Texas Instruments AMC1203B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DGND
NC
DVDD
CLKIN
NC
DATA
NC
DGND
AVDD
VINP
VINN
AGND
NC
(1)
NC
NC
AGND
CLKIN
DATA
t
D
t
CLK
t
HIGH
t
LOW
AMC1204
www.ti.com
SBAS512B
– APRIL 2011 – REVISED AUGUST 2011
PIN CONFIGURATION
DW PACKAGE
TSSOP-16
(TOP VIEW)
(1) NC = no internal connection.
PIN DESCRIPTIONS
PIN NAME
PIN#
FUNCTION
DESCRIPTION
AVDD
1
Power
High-side power supply
VINP
2
Analog input
Noninverting analog input
VINN
3
Analog input
Inverting analog input
AGND
4, 8(1)
Power
High-side ground
DGND
9, 16
Power
Controller-side ground
DATA
11
Digital output Modulator data output
CLKIN
13
Digital input
Modulator clock input
DVDD
14
Power
Controller-side power supply
NC
5, 6, 7, 10, 12, 15
No internal connection; can be tied to any potential or left unconnected
(1)
Both pins are connected internally via a low-impedance path; thus, only one of the pins must be tied to the ground plane.
TIMING INFORMATION
Figure 1. Modulator Output Timing
TIMING CHARACTERISTICS FOR Figure 1
Over recommended ranges of supply voltage and operating free-air temperature, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
CLKIN clock period
45.5
50
200
ns
tHIGH
CLKIN clock high time
20
25
120
ns
tLOW
CLKIN clock low time
20
25
120
ns
tD
Delayed falling edge of CLKIN to DATA valid
2
15
ns
Copyright
© 2011, Texas Instruments Incorporated
7


Similar Part No. - AMC1203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203B TI1-AMC1203B Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1203BDUB TI-AMC1203BDUB Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDUB TI-AMC1203BDUB Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDUBR TI-AMC1203BDUBR Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203BDUBR TI-AMC1203BDUBR Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com